Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA3942D Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFHA3942D
Description  35W Linear GaN on SiC Power Amplifier Die
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA3942D Datasheet(HTML) 9 Page - RF Micro Devices

  RFHA3942D Datasheet HTML 1Page - RF Micro Devices RFHA3942D Datasheet HTML 2Page - RF Micro Devices RFHA3942D Datasheet HTML 3Page - RF Micro Devices RFHA3942D Datasheet HTML 4Page - RF Micro Devices RFHA3942D Datasheet HTML 5Page - RF Micro Devices RFHA3942D Datasheet HTML 6Page - RF Micro Devices RFHA3942D Datasheet HTML 7Page - RF Micro Devices RFHA3942D Datasheet HTML 8Page - RF Micro Devices RFHA3942D Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131024
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
9 of 9
RFHA3942D
Mounting and Thermal Considerations
The thermal resistance provided as RTH (junction to case) represents only the packaged device thermal characteristics. This is
measured using IR microscopy capturing the device under test temperature at the hottest spot of the die. At the same time, the
package temperature is measured using a thermocouple touching the backside of the die embedded in the device heatsink but
sized to prevent the measurement system from impacting the results. Knowing the dissipated power at the time of the
measurement, the thermal resistance is calculated.
In order to achieve the advertised MTTF, proper heat removal must be considered to maintain the junction at or below the
maximum of 200°C. Proper thermal design includes consideration of ambient temperature and the thermal resistance from
ambient to the back of the package including heatsinking systems and air flow mechanisms. Incorporating the dissipated DC
power, it is possible to calculate the junction temperature of the device.
DC Bias
The GaN HEMT device is a depletion mode high electron mobility transistor (HEMT). At zero volts VGS the drain of the device is
saturated and uncontrolled drain current will destroy the transistor. The gate voltage must be taken to a potential lower than the
source voltage to pinch off the device prior to applying the drain voltage, taking care not to exceed the gate voltage maximum
limits. RFMD recommends applying VGS = -5V before applying any VDS.
RF Power transistor performance capabilities are determined by the applied quiescent drain current. This drain current can be
adjusted to trade off power, linearity, and efficiency characteristics of the device. The recommended quiescent drain current (IDQ)
shown in the RF typical performance table is chosen to best represent the operational characteristics for this device, considering
manufacturing variations and expected performance. The user may choose alternate conditions for biasing this device based on
performance trade-offs.
GaN HEMT Capacitances
The physical structure of the GaN HEMT results in three terminal capacitors similar to other FET technologies. These
capacitances exist across all three terminals of the device. The physical manufactured characteristics of the device determine the
value of the CDS (drain to source), CGS (gate to source) and CGD (gate to drain). These capacitances change value as the terminal
voltages are varied. RFMD presents the three terminal capacitances measured with the gate pinched off (VGS = -8V) and zero volts
applied to the drain. During the measurement process, the parasitic capacitances of the package that holds the amplifier is
removed through a calibration step. Any internal matching is included in the terminal capacitance measurements. The capacitance
values presented in the typical characteristics table of the device represent the measured input (CISS), output (COSS), and reverse
(CRSS) capacitance at the stated bias voltages. The relationship to three terminal capacitances is as follows:
CISS = CGD + CGS
COSS = CGD + CDS
CRSS = CGD


Similar Part No. - RFHA3942D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
More results

Similar Description - RFHA3942D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934D RFMD-RF3934D Datasheet
689Kb / 9P
   120W GaN on SiC Power Amplifier Die
RF3930D RFMD-RF3930D Datasheet
836Kb / 8P
   10W GaN on SiC Power Amplifier Die
RF3931D RFMD-RF3931D Datasheet
798Kb / 9P
   30W GaN on SiC Power Amplifier Die
RF3932D RFMD-RF3932D Datasheet
831Kb / 9P
   60W GaN on SiC Power Amplifier Die
RF3933D RFMD-RF3933D Datasheet
870Kb / 9P
   90W GaN on SiC Power Amplifier Die
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
   35W GaN Wide-Band Power Amplifier
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
   10 ??11GHz 35W GaN Power Amplifier
logo
WOLFSPEED, INC.
WS1A2639 WOLFSPEED-WS1A2639 Datasheet
391Kb / 7P
   GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3940 WOLFSPEED-WS1A3940 Datasheet
424Kb / 7P
   GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
WS1A3640 WOLFSPEED-WS1A3640 Datasheet
422Kb / 7P
   GaN on SiC Power Amplifier Module for 5G
Rev. 03, 2023-02-04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com