Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFHA1101 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFHA1101
Description  Advanced GaN HEMT Technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1101 Datasheet(HTML) 3 Page - RF Micro Devices

  RFHA1101 Datasheet HTML 1Page - RF Micro Devices RFHA1101 Datasheet HTML 2Page - RF Micro Devices RFHA1101 Datasheet HTML 3Page - RF Micro Devices RFHA1101 Datasheet HTML 4Page - RF Micro Devices RFHA1101 Datasheet HTML 5Page - RF Micro Devices RFHA1101 Datasheet HTML 6Page - RF Micro Devices RFHA1101 Datasheet HTML 7Page - RF Micro Devices RFHA1101 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 8
RFHA1101
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Small Signal Figures of Merit
On-Wafer Test
FT
10
GHz
VD = 28V, ID = 170mA
FMAX (based on GTU)
32
GHz
VD = 28V, ID = 170mA
FT
7
GHz
VD = 28V, ID = 44mA
FMAX (based on GTU)
27
GHz
VD = 28V, ID = 44mA
RF Typical Load Pull Performance
On-Wafer Tests [1,2,3,4]
Gain
21.4
dB
VDQ = 28V, IDQ = 44mA, CW, f = 2140MHz, trade match
1
Gain
19.4
dB
VDQ = 28V, IDQ = 44mA, CW, f = 2700MHz, trade match
3
Output Power at P3dB
36.3
dBm
VDQ = 28V, IDQ = 44mA, CW, f = 2140MHz
Output Power at P3dB
35.8
dBm
VDQ = 28V, IDQ = 44mA, CW, f = 2700MHz
Drain Efficiency at P3dB
60
%
VDQ = 28V, IDQ = 44mA, CW, f = 2140MHz
Drain Efficiency at P3dB
60
%
VDQ = 28V, IDQ = 44mA, CW, f =2700MHz


Similar Part No. - RFHA1101

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1101D RFMD-RFHA1101D Datasheet
721Kb / 8P
   Advanced GaN HEMT Technology
More results

Similar Description - RFHA1101

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1101D RFMD-RFHA1101D Datasheet
721Kb / 8P
   Advanced GaN HEMT Technology
logo
Toshiba Semiconductor
TGI0910-50 TOSHIBA-TGI0910-50 Datasheet
150Kb / 2P
   MICROWAVE POWER GaN HEMT
logo
M/A-COM Technology Solu...
MAGX-001220-100L00 MA-COM-MAGX-001220-100L00_15 Datasheet
833Kb / 6P
   GaN HEMT Power Transistor
logo
Toshiba Semiconductor
TGI7785-120L TOSHIBA-TGI7785-120L Datasheet
629Kb / 6P
   MICROWAVE POWER GaN HEMT
2017
TGI8596-50 TOSHIBA-TGI8596-50 Datasheet
133Kb / 2P
   MICROWAVE POWER GaN HEMT
TGI5867-25L TOSHIBA-TGI5867-25L Datasheet
324Kb / 8P
   MICROWAVE POWER GaN HEMT
2019
TGI5964-120L TOSHIBA-TGI5964-120L Datasheet
381Kb / 9P
   MICROWAVE POWER GaN HEMT
2019
TGI7179-130LHA TOSHIBA-TGI7179-130LHA Datasheet
327Kb / 6P
   MICROWAVE POWER GaN HEMT
2019
TGI7179-60LHA TOSHIBA-TGI7179-60LHA Datasheet
350Kb / 7P
   MICROWAVE POWER GaN HEMT
2019
TGI9098-100P TOSHIBA-TGI9098-100P Datasheet
325Kb / 6P
   MICROWAVE POWER GaN HEMT
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com