Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PNP-744-P22-G Datasheet(PDF) 3 Page - RF Micro Devices

Part # PNP-744-P22-G
Description  PLUG-N-PLAY WIDEBAND SYNTHESIZER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

PNP-744-P22-G Datasheet(HTML) 3 Page - RF Micro Devices

  PNP-744-P22-G Datasheet HTML 1Page - RF Micro Devices PNP-744-P22-G Datasheet HTML 2Page - RF Micro Devices PNP-744-P22-G Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
PNP-744-P22-G
DS121109
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Package Drawing & Pin Outs
15.24mm x 15.24mm x 5.58mm (0.6in x 0.6in x 0.22in)
V1,
V2,


Similar Part No. - PNP-744-P22-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PNP-745-P22-G RFMD-PNP-745-P22-G Datasheet
245Kb / 3P
   PLUG-N-PLAY SYNTHESIZER MODULE
More results

Similar Description - PNP-744-P22-G

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
PNP-1182-P22-G RFMD-PNP-1182-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1620-P22-G RFMD-PNP-1620-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1623-P22-G RFMD-PNP-1623-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1500-P22-G RFMD-PNP-1500-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-437-P22-G RFMD-PNP-437-P22-G Datasheet
279Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-752-P22-G RFMD-PNP-752-P22-G Datasheet
291Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1617-P22-G RFMD-PNP-1617-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1618-P22-G RFMD-PNP-1618-P22-G Datasheet
281Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-383-P22-G RFMD-PNP-383-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
PNP-1090-P22-G RFMD-PNP-1090-P22-G Datasheet
280Kb / 3P
   PLUG-N-PLAY WIDEBAND SYNTHESIZER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com