Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA44 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MMBTA44
Description  EPITAXIAL PLANAR NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MMBTA44 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MMBTA44_15 Datasheet HTML 1Page - KEC(Korea Electronics) MMBTA44_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 3. 10
1/2
SEMICONDUCTOR
TECHNICAL DATA
MMBTA44
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 2
HIGH VOLTAGE APPLICATION.
FEATURES
・High Breakdown Voltage.
・Collector Power Dissipation : P
C=350mW.
MAXIMUM RATING (Ta=25
℃)
DIM
MILLIMETERS
SOT-23
A
B
C
D
E
2.93 0.20
1.30+0.20/-0.15
0.40+0.15/-0.05
2.40+0.30/-0.20
G
1.90
H
J
K
L
M
N
0.95
0.13+0.10/-0.05
0.00 ~ 0.10
0.55
Q
0.1 MAX
0.20 MIN
1.00+0.20/-0.10
M
E
1
2
3
B
1.30 MAX
LL
PP
P7
+
_
Q
1. EMITTER
2. BASE
3. COLLECTOR
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
*Pulse Test : Pulse Width
≦300μS, Duty Cycle≦2.0%
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-BaseVoltage
VCBO
450
V
Collector-EmitterVoltage
VCEO
400
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
Collector Power Dissipation
PC *
350
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Base Breakdown Voltage
V(BR)CBO
IC=100μ
A, IE=0
450
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, IB=0
400
-
-
V
Collector-Emitter Breakdown Voltage (2)
V(BR)CES
IC=100μ
A, IB=0
450
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=10μ
A, IC=0
6.0
-
-
V
Collector Cut off Current
ICBO
VCB=400V, IE=0
-
-
100
nA
Collector Cut off Current
ICES
VCE=400V, IB=0
-
-
500
nA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0
-
-
100
nA
DC Current Gain
*
hFE
VCE=10V, IC=1mA
40
-
-
VCE=10V, IC=10mA
50
-
200
VCE=10V, IC=50mA
45
-
-
VCE=10V, IC=100mA
40
-
-
Collector-Emitter Saturation Voltage
*
VCE(sat) 1
IC=1mA, IB=0.1mA
-
-
0.4
V
VCE(sat) 2
IC=10mA, IB=1mA
-
-
0.5
VCE(sat) 3
IC=50mA, IB=5mA
-
-
0.75
Base-Emitter Saturation Voltage
*
VBE(sat)
IC=10mA, IB=1mA
-
-
0.75
V
Transition Frequency
fT
VCE=10V, IC=10mA, f=10MHz
20
-
-
MHz
Collector Output Capacitance
Cob
VCB=20V, IE=0, f=1MHz
-
-
7
pF
Input Capacitance
Cib
VEB=0.5V, IC=0, f=1MHz
-
-
130
pF
* : Package Mounted On 99.5% Alumina 10
×8×0.6mm.
Type Name
Marking
Lot No.
APX


Similar Part No. - MMBTA44_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMBTA44 KEXIN-MMBTA44_15 Datasheet
1Mb / 2P
   NPN Transistors
logo
SeCoS Halbleitertechnol...
MMBTA44 SECOS-MMBTA44_15 Datasheet
454Kb / 2P
   NPN Silicon Epitaxial Transistor
logo
SHENZHEN YONGERJIA INDU...
MMBTA44 WINNERJOIN-MMBTA44_15 Datasheet
128Kb / 1P
   NPN TRANSISTOR
logo
Unisonic Technologies
MMBTA44 UTC-MMBTA44_15 Datasheet
221Kb / 4P
   HIGH VOLTAGE TRANSISTORS
logo
Diotec Semiconductor
MMBTA44 DIOTEC-MMBTA44_15 Datasheet
106Kb / 2P
   Surface mount High Voltage Transistors
More results

Similar Description - MMBTA44_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com