Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1862D Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1862D
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1862D Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1862D_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1862D_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTA1862D_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2003. 3. 27
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTA1862D/L
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 4
HIGH VOLTAGE SWITCHING.
POWER SUPPLY SWITCHING FOR TELEPHONES.
FEATURES
High Breakdown Voltage, Typically : BVCEO=-400V.
Low Collector Saturation Voltage.
: VCE(sat)=-0.5V(Max.) at (IC=0.5A)
High Switching Speed, Typically
: tf= 0.4 S at IC=-1A
Wide Safe Operating Area (SOA)
MAXIMUM RATING (Ta=25 )
DPAK
DIM
MILLIMETERS
A
B
C
D
F
H
I
J
K
L
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
2.70 0.2
2.30 0.1
1.00 MAX
2.30 0.2
0.5 0.1
2.00 0.20
0.50 0.10
E
0.91 0.10
M
0.90 0.1
O
A
C
I
J
H
F
F
P
L
12
3
1. BASE
2. COLLECTOR
3. EMITTER
1.00 0.10
P
0.95 MAX
Q
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25 )
Note : hFE(1) Classification O:56~120, Y:82~180.
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-400
V
Collector-Emitter Voltage
VCEO
-400
V
Emitter-Base Voltag
VEBO
-7
V
Collector Current
DC
IC
-2.0
A
Pulse
ICP
-4.0
Collector Power
Dissipation
Ta=25
PC
1.0
W
Tc=25
10
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut of Current
ICBO
VCB=-400V
-
-
-1.0
A
Emitter Cut of Current
IEBO
VEB=-5V
-
-
-1.0
A
Collector-Base Breakdown Voltage
BVCBO
IC=-50 A
-400
-
-
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-1mA
-400
-
-
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-50 A
-7
-
-
V
DC Current Gain
hFE(1) Note
VCE=-5V, IC=-100mA
56
100
180
hFE(2)
VCE=-5V, IC=-500mA
6
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-500mA, IB=-100mA
-
-0.3
-0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=-500mA, IB=-100mA
-
-
-1.2
V
Transition Frequency
fT
VCE=-10V, IE=-100mA, f=5MHz
-
18
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0mA, f=1MHz
-
30
-
pF
Switching Time
Turn-on Time
ton
IB1
B1
I
CC
V
=-150V
IB2
IB2
20µsec
-I =I =0.2A
1%
B1 B2
OUTPUT
DUTY CYCLE
INPUT
0
<=
-
0.2
-
S
Turn-off Time
tstg
-
-1.8
-
Storage Time
tf
-
0.4
-
DIM
MILLIMETERS
IPAK
H
F
F
C
A
P
L
I
J
123
A
B
C
D
E
F
G
H
I
J
L
P
Q
6.60 0.2
6.10 0.2
5.0 0.2
1.10 0.2
9.50 0.6
2.30 0.1
0.76 0.1
1.0 MAX
2.30 0.2
0.5 0.1
0.50 0.1
1.0 0.1
0.90 MAX
G
1. BASE
2. COLLECTOR
3. EMITTER
K
2.0 0.2
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_


Similar Part No. - KTA1862D_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1862D KEC-KTA1862D Datasheet
409Kb / 3P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE SWITCHING POWER SUPPLY SWITCHING FOR TELEPHONES)
More results

Similar Description - KTA1862D_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com