Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTA1001 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTA1001
Description  EPITAXIAL PLANAR PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTA1001 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTA1001_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTA1001_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIM
A
B
D
E
G
H
K
4.70 MAX
2.50 0.20
1.70 MAX
0.45+0.15/-0.10
4.25 MAX
1.50 0.10
0.40 TYP
1.75 MAX
0.75 MIN
0.5+0.10/-0.05
SOT-89
C
J
G
D
12
3
2. COLLECTOR (HEAT SINK)
A
C
K
F
MILLIMETERS
H
1. BASE
3. EMITTER
FF
D
+_
+_
1994. 3. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTA1001
EPITAXIAL PLANAR PNP TRANSISTOR
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-35V, IE=0
-
-
-100
nA
Emitter Cut-off Current
IEBO
VEB=-8V, IC=0
-
-
-100
nA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-10mA, IB=0
-20
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE=-1mA, IC=0
-8
-
-
V
DC Current Gain
hFE(1) (Note2)
VCE=-2V, IC=-0.5A
100
-
320
hFE(2)
VCE=-2V, IC=-3A
70
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-3A, IB=-75mA
-
-
-0.5
V
Base-Emitter Voltage
VBE
VCE=-2V, IC=-3A
-
-
-1.5
V
Transition Frequency
fT
VCE=-2V, IC=-0.5A
-
170
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
62
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-8
V
Collector Current
DC
IC
-3
A
Pulse (Note1)
ICP
-5
A
Base Current
IB
-0.5
A
Collector Power
Dissipation
Ta=25
PC
0.5
W
Tc=25
*
1
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
Note1 : Pulse Test : Pulse width=10ms(Max.)
Duty cycle=30%(Max.)
*Pc : KTA1001 mounted on ceramic substrate(250mm
2x0.8t)
Note2 : hFE(1) Classification 0:100 200, Y:160 320
CAMERA STROBO FLASH APPLICATION.
HIGH CURRENT APPLICATION.
FEATURES
hFE=100 320 (VCE=-2V, IC=-0.5A).
hFE=70(Min.) (VCE=-2V, IC=-3A).
Low Collector Saturation Voltage.
: VCE(sat)=-0.5V(Max.) (IC=-3A, IB=-75mA).
High Power Dissipation.
: PC=1W(Tc=25 ), PC=0.5W(Ta=25 ).
MAXIMUM RATING (Ta=25
)
Type Name
h
Rank
FE
Lot No.
Marking


Similar Part No. - KTA1001_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTA1001 KEXIN-KTA1001_15 Datasheet
856Kb / 2P
   PNP Transistors
More results

Similar Description - KTA1001_15

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com