Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7307PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7307PBF
Description  GENERATION V TECHNOLOGY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7307PBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7307PBF_15 Datasheet HTML 1Page - International Rectifier IRF7307PBF_15 Datasheet HTML 2Page - International Rectifier IRF7307PBF_15 Datasheet HTML 3Page - International Rectifier IRF7307PBF_15 Datasheet HTML 4Page - International Rectifier IRF7307PBF_15 Datasheet HTML 5Page - International Rectifier IRF7307PBF_15 Datasheet HTML 6Page - International Rectifier IRF7307PBF_15 Datasheet HTML 7Page - International Rectifier IRF7307PBF_15 Datasheet HTML 8Page - International Rectifier IRF7307PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF7307PbF
Parameter
Min. Typ. Max. Units
Conditions
N-Ch 20
—
—
VGS = 0V, ID = 250µA
P-Ch -20
—
—
VGS = 0V, ID = -250µA
N-Ch — 0.044 —
Reference to 25°C, ID = 1mA
P-Ch — -0.012 —
Reference to 25°C, ID = -1mA
—
— 0.050
VGS = 4.5V, ID = 2.6A ƒ
—
— 0.070
VGS = 2.7V, ID = 2.2A ƒ
—
— 0.090
VGS = -4.5V, ID = -2.2A ƒ
—
— 0.140
VGS = -2.7V, ID = -1.8A ƒ
N-Ch 0.70 —
—
VDS = VGS, ID = 250µA
P-Ch -0.70 —
—
VDS = VGS, ID = -250µA
N-Ch 8.30 —
—
VDS = 15V, ID = 2.6A ƒ
P-Ch 4.00 —
—
VDS = -15V, ID = -2.2A ƒ
N-Ch —
—
1.0
VDS = 16V, VGS = 0V
P-Ch —
—
-1.0
VDS = -16V, VGS = 0V,
N-Ch —
—
25
VDS = 16V, VGS = 0V, TJ = 125°C
P-Ch —
—
-25
VDS = -16V, VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Forward Leakage
N-P ––
— ±100
VGS = ± 12V
N-Ch —
—
20
P-Ch —
—
22
N-Ch —
—
2.2
P-Ch —
—
3.3
N-Ch —
—
8.0
P-Ch —
—
9.0
N-Ch —
9.0
—
P-Ch —
8.4
—
N-Ch —
42
—
P-Ch —
26
—
N-Ch —
32
—
P-Ch —
51
—
N-Ch —
51
—
P-Ch —
33
—
LD
Internal Drain Inductace
N-P —
4.0
—
Between lead tip
LS
Internal Source Inductance
N-P —
6.0
—
and center of die contact
N-Ch —
660
—
P-Ch —
610
—
N-Ch —
280
—
P-Ch —
310
—
N-Ch —
140
—
P-Ch —
170
—
Parameter
Min. Typ. Max. Units
Conditions
N-Ch —
—
2.5
P-Ch —
—
-2.5
N-Ch —
—
21
P-Ch —
—
-17
N-Ch —
—
1.0
TJ = 25°C, IS = 1.8A, VGS = 0V ƒ
P-Ch —
—
-1.0
TJ = 25°C, IS = -1.8A, VGS = 0V ƒ
N-Ch —
29
44
P-Ch —
56
84
N-Ch —
22
33
P-Ch —
71 110
ton
Forward Turn-On Time
N-P
V(BR)DSS
Drain-to-Source Breakdown Voltage
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
RDS(ON)
Static Drain-to-Source On-Resistance
VGS(th)
Gate Threshold Voltage
gfs
Forward Transconductance
IDSS
Drain-to-Source Leakage Current
Qg
Total Gate Charge
Qgs
Gate-to-Source Charge
Qgd
Gate-to-Drain ("Miller") Charge
td(on)
Turn-On Delay Time
tr
Rise Time
td(off)
Turn-Off Delay Time
tf
Fall Time
Ciss
Input Capacitance
Coss
Output Capacitance
Crss
Reverse Transfer Capacitance
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 23 )
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Notes:
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Source-Drain Ratings and Characteristics
V
V/°C
V
S
µA
nC
ns
nH
pF
N-Channel
ID = 2.6A, VDS = 16V, VGS = 4.5V
ƒ
P-Channel
ID = -2.2A, VDS = -16V, VGS = -4.5V
N-Channel
VDD = 10V, ID = 2.6A, RG = 6.0Ω,
RD = 3.8Ω
ƒ
P-Channel
VDD = -10V, ID = -2.2A, RG = 6.0Ω,
RD = 4.5Ω
N-Channel
VGS = 0V, VDS = 15V, ƒ = 1.0MHz
ƒ
P-Channel
VGS = 0V, VDS = -15V, ƒ = 1.0MHz
N-Ch
P-Ch
IS
Continuous Source Current (Body Diode)
ISM
Pulsed Source Current (Body Diode) 
VSD
Diode Forward Voltage
trr
Reverse Recovery Time
Qrr
Reverse Recovery Charge
A
V
ns
nC
N-Channel
TJ = 25°C, IF = 2.6A, di/dt = 100A/µs
P-Channel
ƒ
TJ = 25°C, IF = -2.2A, di/dt = 100A/µs
Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
‚ N-Channel ISD ≤ 2.6A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
P-Channel ISD ≤ -2.2A, di/dt ≤ 50A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C
„ Surface mounted on FR-4 board, t ≤ 10sec.


Similar Part No. - IRF7307PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7307PBF IRF-IRF7307PBF Datasheet
282Kb / 10P
   HEXFET POWER MOSFET
logo
Infineon Technologies A...
IRF7307PBF INFINEON-IRF7307PBF Datasheet
287Kb / 10P
   Dual N and P Channel Mospet
10/7/04
More results

Similar Description - IRF7307PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com