Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6810STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6810STRPBF
Description  RoHS Compliant and Halogen Free
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6810STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6810STRPBF Datasheet HTML 1Page - International Rectifier IRF6810STRPBF Datasheet HTML 2Page - International Rectifier IRF6810STRPBF Datasheet HTML 3Page - International Rectifier IRF6810STRPBF Datasheet HTML 4Page - International Rectifier IRF6810STRPBF Datasheet HTML 5Page - International Rectifier IRF6810STRPBF Datasheet HTML 6Page - International Rectifier IRF6810STRPBF Datasheet HTML 7Page - International Rectifier IRF6810STRPBF Datasheet HTML 8Page - International Rectifier IRF6810STRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
08/08/11
www.irf.com
1
IRF6810STRPbF
IRF6810STR1PbF
Applicable DirectFET Outline and Substrate Outline

Typical values (unless otherwise specified)
DirectFET®
plus ISOMETRIC
Description
The IRF6810STRPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve improved performance in a package that has the footprint of a MICRO-8 and only 0.7 mm profile. The DirectFET package is
compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The DirectFET
package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by 80%.
The IRF6810STRPbF has low gate resistance and low charge along with ultra low package inductance providing significant reduction in
switching losses. The reduced losses make this product ideal for high efficiency DC-DC converters that power the latest generation of
processors operating at higher frequencies. The IRF6810STRPbF has been optimized for the control FET socket of synchronous buck
operating from 12 volt bus converters.
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.601mH, RG = 50Ω, IAS = 13A.
Notes:
S1
S2
SB
M2
M4
L4
L6
L8
PD -96393
S1
0
5
10
15
20
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 20V
VDS= 13V
VDS= 5V
ID= 13A
0
2
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
0
5
10
15
ID = 16A
TJ = 25°C
TJ = 125°C
D
D
S
G
VDSS
VGS
RDS(on)
RDS(on)
25V max ±16V max 4.0mΩ @ 10V 5.6mΩ @ 4.5V
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V e
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
V
A
51
Max.
13
50
130
±16
25
16
13
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
7.4nC
2.7nC
0.98nC
12nC
8.9nC
1.6V
DirectFET®
plus Power MOSFET ‚
l RoHS Compliant and Halogen Free

l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible

l Ultra Low Package Inductance
l Optimized for High Frequency Switching

l Ideal for CPU Core DC-DC Converters
l Optimized for Control FET Application

l Compatible with existing Surface Mount Techniques

l 100% Rg tested
l Footprint compatible to DirectFET


Similar Part No. - IRF6810STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6810STRPBF IRF-IRF6810STRPBF Datasheet
283Kb / 9P
   DirectFET짰Power MOSFET
More results

Similar Description - IRF6810STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6716MTR1PBF IRF-IRF6716MTR1PBF Datasheet
280Kb / 9P
   RoHs Compliant and Halogen Free
logo
Advanced Power Electron...
AP20SL60I-A A-POWER-AP20SL60I-A Datasheet
112Kb / 6P
   RoHS Compliant and Halogen-Free
logo
International Rectifier
IRF6712SPBF IRF-IRF6712SPBF_15 Datasheet
247Kb / 9P
   RoHS Compliant and Halogen Free
IRF6724MPBF IRF-IRF6724MPBF_15 Datasheet
270Kb / 9P
   RoHs Compliant and Halogen Free
logo
Shanghai Semitech Semic...
SMDJ SEMITECH-SMDJ Datasheet
492Kb / 5P
   Halogen free and RoHS compliant
logo
Alpha & Omega Semicondu...
AON6794 AOSMD-AON6794 Datasheet
248Kb / 6P
   RoHS and Halogen-Free Compliant
AOSP32314 AOSMD-AOSP32314 Datasheet
325Kb / 5P
   RoHS and Halogen-Free Compliant
AOT10T60P AOSMD-AOT10T60P Datasheet
498Kb / 7P
   RoHS and Halogen Free Compliant
AON7544 AOSMD-AON7544 Datasheet
276Kb / 6P
   RoHS and Halogen-Free Compliant
AON7518 AOSMD-AON7518 Datasheet
213Kb / 6P
   RoHS and Halogen-Free Compliant
AON7566 AOSMD-AON7566 Datasheet
337Kb / 6P
   RoHS and Halogen-Free Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com