Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA4463ZSQ Datasheet(PDF) 5 Page - RF Micro Devices

Part # SGA4463ZSQ
Description  DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA4463ZSQ Datasheet(HTML) 5 Page - RF Micro Devices

  SGA4463ZSQ Datasheet HTML 1Page - RF Micro Devices SGA4463ZSQ Datasheet HTML 2Page - RF Micro Devices SGA4463ZSQ Datasheet HTML 3Page - RF Micro Devices SGA4463ZSQ Datasheet HTML 4Page - RF Micro Devices SGA4463ZSQ Datasheet HTML 5Page - RF Micro Devices SGA4463ZSQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA4463Z
Application Schematic
Evaluation Board Layout
Mounting Instructions:
1. Use a large ground pad area near device pins 1, 2, 4, and 5 with many plated through-holes, as shown.
2. We recommend 1 or 2 ounces copper. Measurements for this data sheet were made on a 31mil thick FR-4 board with 1
ounce cooper on both sides.
Reference
Designator
Frequency (Mhz)
500
850
1950
2400
3500
C
B
220 pF
100 pF
68 pF
56 pF
39 pF
C
D
100 pF
68 pF
22 pF
22 pF
15 pF
L
C
68 nH
33 nH
22 nH
18 nH
15 nH
Recommended Bias Resistor Values for I
D=45mA
R
BIAS=( VS-VD ) / ID
Supply Voltage(V
S)
6 V
8 V
10 V
12 V
R
BIAS
62
110
150
200
Note: R
BIAS provides DC bias stability over temperature.
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
3
4,5
6
1,2
1000
pF
SGA4463Z


Similar Part No. - SGA4463ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA4486Z RFMD-SGA4486Z Datasheet
286Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4486ZPCK1 RFMD-SGA4486ZPCK1 Datasheet
286Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4486ZSQ RFMD-SGA4486ZSQ Datasheet
286Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4486ZSR RFMD-SGA4486ZSR Datasheet
286Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA4463ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA5486Z RFMD-SGA5486Z Datasheet
375Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4263Z RFMD-SGA4263Z Datasheet
563Kb / 6P
   DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
   DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
   DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
   DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com