Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN10B08E6TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN10B08E6TA
Description  100V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN10B08E6TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN10B08E6TA Datasheet HTML 1Page - Diodes Incorporated ZXMN10B08E6TA Datasheet HTML 2Page - Diodes Incorporated ZXMN10B08E6TA Datasheet HTML 3Page - Diodes Incorporated ZXMN10B08E6TA Datasheet HTML 4Page - Diodes Incorporated ZXMN10B08E6TA Datasheet HTML 5Page - Diodes Incorporated ZXMN10B08E6TA Datasheet HTML 6Page - Diodes Incorporated ZXMN10B08E6TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN10B08E6
Datasheet Number: DS33570 Rev. 3 – 2
2 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXMN10B08E6
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±
20
V
Continuous Drain Current
VGS = 10V
(Note 6)
ID
1.9
A
TA = +70°C (Note 6)
1.5
(Note 5)
1.6
Pulsed Drain Current
(Note 7)
IDM
9
A
Continuous Source Current (Body Diode)
(Note 6)
IS
2.5
A
Pulsed Source Current (Body Diode)
(Note 7)
ISM
9
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation
Linear Derating Factor
(Note 5)
PD
1.1
W
mW/°C
8.8
Power Dissipation
Linear Derating Factor
(Note 6)
PD
1.7
W
mW/°C
13.6
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
113
°
C/W
(Note 6)
73
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°
C
Notes:
5. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. For a device surface mounted on FR4 PCB measured at t ≤ 5 secs.
7. Repetitive rating 25mm x 25mm FR4 PCB, D = 0.02, pulse width 300µs - pulse width limited by maximum junction temperature. Refer to Transient
Thermal Impedance graph.
Thermal Characteristics


Similar Part No. - ZXMN10B08E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6TA ZETEX-ZXMN10B08E6TA Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10B08E6TA ZETEX-ZXMN10B08E6TA Datasheet
199Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10B08E6TA DIODES-ZXMN10B08E6TA Datasheet
206Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN10B08E6TA VBSEMI-ZXMN10B08E6TA Datasheet
458Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - ZXMN10B08E6TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN10B08E6 ZETEX-ZXMN10B08E6 Datasheet
252Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11G ZETEX-ZXMN10A11G Datasheet
1Mb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN10H099SK3 DIODES-DMN10H099SK3_15 Datasheet
361Kb / 6P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMN10A08E6 ZETEX-ZXMN10A08E6_05 Datasheet
186Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN10A08DN8 DIODES-ZXMN10A08DN8 Datasheet
185Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A09K DIODES-ZXMN10A09K Datasheet
660Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN10A11K DIODES-ZXMN10A11K Datasheet
670Kb / 8P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LE DIODES-DMN10H220LE_15 Datasheet
500Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN10H220LVT DIODES-DMN10H220LVT_15 Datasheet
400Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
ZVN3310F DIODES-ZVN3310F_15 Datasheet
180Kb / 5P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
DMT10H015LK3 DIODES-DMT10H015LK3 Datasheet
533Kb / 7P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com