Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL00101-WCG25 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PL00101-WCG25
Description  Flat lens package 3.2 x 1.6 x 1.4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PL00101-WCG25 Datasheet(HTML) 1 Page - P-tec Corporation

  PL00101-WCG25 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0.6
1.1
0.5
1.6
3.2
1.4
1.1
1.8
2.0
Cathode Mark
*Flat lens package 3.2 x 1.6 x 1.4mm
with reflector cup
*Small 30° viewing angle
*Compatible with IR solder-process
*Industry standard footprint
*3000 pcs per reel
*RoHS compliant
Features
Absolute Maximum Ratings at TA = 25°C
Reverse Voltage (<100µA) ………………...………….…………………..……………..……. 5.0V
Max Forward Current …………..…………...………………………………………………... 30mA
Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) ………………..………...…… 100mA
Operating Temperature Range ………………………….……….…………………. -40°C to +85°C
Storage Temperature Range …………………………...…………...……..…..……. -40°C to +85°C
Reflow Soldering Temperature…………………………..………………...…. 260°C for 10 seconds
Power Dissipation…………………………………………………………………………...… 84mW
Package Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified.
PL00101 Series SMD LED 1206 Package
Recommended Soldering Pad Layout
Electrical & Optical Characteristics at TA = 25°C
Part Number
Emitting
Color
Chip
Material
Peak
Wave
Length
Viewing
Angle
2
θ1/2
Forward
Voltage
@20mA (V)
Luminous
Intensity
@20mA (mcd)
Water Clear Lens
nm
Deg
Typ
Max
Min
Typ
PL00101-WCG25
Ultra-bright
Green
InGaN
523
30°
3.3
3.5
450.0
720.0
Dominant
Wave
Length
nm
524
2.0
1.5
1.5
11.19.14 REV2 JAS
Tel:(866) 695 4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa CO 81101


Similar Part No. - PL00101-WCG25

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00101-WCG07 P-TEC-PL00101-WCG07 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCG13 P-TEC-PL00101-WCG13 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCG17 P-TEC-PL00101-WCG17 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
More results

Similar Description - PL00101-WCG25

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00101-WCG17 P-TEC-PL00101-WCG17 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCY22 P-TEC-PL00101-WCY22 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCB11 P-TEC-PL00101-WCB11 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCR08 P-TEC-PL00101-WCR08 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCR18 P-TEC-PL00101-WCR18 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCA03 P-TEC-PL00101-WCA03 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCG07 P-TEC-PL00101-WCG07 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCG13 P-TEC-PL00101-WCG13 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCR20 P-TEC-PL00101-WCR20 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
PL00101-WCY06 P-TEC-PL00101-WCY06 Datasheet
33Kb / 1P
   Flat lens package 3.2 x 1.6 x 1.4mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com