Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN20B28K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN20B28K
Description  200V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN20B28K Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN20B28K_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 7Page - Diodes Incorporated ZXMN20B28K_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZXMN20B28K
Document Number DS31984 Rev. 2 - 2
1 of 8
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMN20B28K
200V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
200V
750m
Ω @ VGS = 10V
2.3A
780m
Ω @ VGS = 5V
2.3A
Description and Applications
This MOSFET features low on-resistance, fast switching and a high
avalanche withstand capability, making it ideal for high efficiency
power management applications.
SLIC line drivers for VoIP applications
Transformer driving switch
Power management functions
Motor control
Uninterrupted power supply
Features and Benefits
100% Unclamped Inductive Switch (UIS) test in production
High avalanche energy pulse withstand capability
Low gate drive voltage (Logic level capable)
Low input capacitance
Low on-resistance
Fast switching speed
“Green” Component and RoHS compliant (Note 1)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO252-3L
Case Material: Molded Plastic “Green” Molding Compound,
UL Flammability Classification Rating 94V-0 (Note 1)
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMN20B28KTC
See below
13
16
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are Eu RoHS compliant and contain no halogens or antimony compounds; further information
about Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website.
Marking Information
Top View
Pin Out – Top View
Equivalent Circuit
D
S
G
GS
D
D
TO252-3L
ZXMN
20B28
YYWW
ZXMN = Product Type Marking Code, Line 1
20B28 = Product Type Marking Code, Line 2
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-52)


Similar Part No. - ZXMN20B28K_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
   200V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN20B28K_15

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2N20MR HMSEMI-HM2N20MR Datasheet
928Kb / 6P
   200V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
   200V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LMAK18N20 LEIDITECH-LMAK18N20 Datasheet
1Mb / 6P
   200V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN20B28KTC DIODES-ZXMN20B28KTC Datasheet
657Kb / 8P
   200V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJU18N20 PANJIT-PJU18N20 Datasheet
1Mb / 8P
   200V N-Channel Enhancement Mode MOSFET
July 18,2017-REV.00
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
logo
HY ELECTRONIC CORP.
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
   200V / 18A N-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
STD5N20LT4-TP TECHPUBLIC-STD5N20LT4-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
   200V / 18A N-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
TPM2007NK3 TECHPUBLIC-TPM2007NK3 Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com