Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1709KC1-C2 Datasheet(PDF) 10 Page - New Japan Radio

Part # NJG1709KC1-C2
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1709KC1-C2 Datasheet(HTML) 10 Page - New Japan Radio

Back Button NJG1709KC1-C2 Datasheet HTML 6Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 7Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 8Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 9Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 10Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 11Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 12Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 13Page - New Japan Radio NJG1709KC1-C2 Datasheet HTML 14Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
NJG1709KC1
- 10 -
nTYPICAL CHARACTERISTICS 1 (MIXER, f=1.5GHz, f
LO=1619MHz, with test circuit 1)
0
5
10
15
-40
-30
-20
-10
0
10
Conversion Gain vs. LO Power
Temperature Response
-40
oC
-20
oC
0
oC
+20
oC
+40
oC
+60
o
C
+90
oC
LO Power (dBm)
0
5
10
15
-40
-30
-20
-10
0
10
Noise Figure vs. LO Power
Temperature Response
-40
o
C
-20
oC
0
oC
+20
oC
+40
oC
+60
oC
+90
o
C
LO Power (dBm)
Condition
f
IF=130MHz
f
RF=1489MHz, PRF=-30dBm
f
LO=1619MHz
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
f
RF=1489MHz
f
LO=1619MHz
V
MIX=VLO=2.7V
Condition
f
IF=130MHz
f
RF1=1489.0MHz, PRF=-30dBm
f
RF2=1489.1MHz
f
LO=1619MHz
V
MIX=VLO=2.7V
IIP3=
3
×IF−IM3
2
−Gc
@ P
RF =-30dBm
-10
-8
-6
-4
-2
0
2
-40
-30
-20
-10
0
10
IIP3 vs. LO Power
Temperature Response
-40
o
C
-20
o
C
0
o
C
+20
o
C
+40
o
C
+60
o
C
+90
o
C
LO Power (dBm)


Similar Part No. - NJG1709KC1-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1709KC1-C2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1705V NJRC-NJG1705V Datasheet
564Kb / 26P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
   1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com