Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1705V-C6 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJG1705V-C6
Description  1.5/1.9GHz BAND FRONT-END GaAs MMIC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1705V-C6 Datasheet(HTML) 1 Page - New Japan Radio

  NJG1705V-C6 Datasheet HTML 1Page - New Japan Radio NJG1705V-C6 Datasheet HTML 2Page - New Japan Radio NJG1705V-C6 Datasheet HTML 3Page - New Japan Radio NJG1705V-C6 Datasheet HTML 4Page - New Japan Radio NJG1705V-C6 Datasheet HTML 5Page - New Japan Radio NJG1705V-C6 Datasheet HTML 6Page - New Japan Radio NJG1705V-C6 Datasheet HTML 7Page - New Japan Radio NJG1705V-C6 Datasheet HTML 8Page - New Japan Radio NJG1705V-C6 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
NJG1705V
- 1 -
1.5/1.9GHz BAND FRONT-END GaAs MMIC
nGENERAL DESCRIPTION
nPACKAGE OUTLINE
NJG1705V is a front-end GaAs MMIC including
a LNA, local amplifier and a Mixer, designed mainly
for 1.5 and 1.9GHz band cellular phone.
NJG1705V exhibits low noise of 16dB at 1.5GHz
and 2.1dB at 1.9GHz at low total current
consumption of 9.5mA.
nFEATURES
lLow voltage operation
+2.7V typ.
lLow current consumption
9.5mA typ.
lHigh conversion gain
23.5dB typ. @f
RF=1489MHz, PRF=-50dBm, fLO=1619MHz, PLO=-10dBm
20.5dB typ. @f
RF=1900MHz, PRF=-50dBm, fLO=1660MHz, PLO=-10dBm
lLow noise figure
1.6dB typ. @f
RF=1489MHz, fLO=1619MHz, PLO=-10dBm, fIF=130MHz
2.2dB typ. @f
RF=1900MHz, fLO=1660MHz, PLO=-10dBm, fIF=240MHz
lHigh IIP3
-15.5dBm typ. @f
RF=1489.0+1489.1MHzfLO=1619MHz, PLO=-10dBm
-10dBm typ. @f
RF=1900.0+1900.1MHzfLO=1660MHz, PLO=-10dBm
lPackage
SSOP10
nPIN CONFIGURATION
Pin Connection
1.LNAIN
2.LNACAP
3.GND
4.IFOUT
5.VLO
6.LOIN
7.GND
8.MIXIN
9.GND
10.LNAOUT
1
2
3
4
5
6
7
8
9
10
V Type
(Top View)
NJG1705V


Similar Part No. - NJG1705V-C6

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1701V NJRC-NJG1701V Datasheet
538Kb / 16P
   PHS MULTI-FUNCTION GaAs MMIC
NJG1704 NJRC-NJG1704 Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C1 NJRC-NJG1704KC1-C1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1-C2 NJRC-NJG1704KC1-C2 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
More results

Similar Description - NJG1705V-C6

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1709KC1 NJRC-NJG1709KC1 Datasheet
780Kb / 29P
   1.5/1.9GHz BAND FRONT-END GaAs MMIC
NJG1714KC1 NJRC-NJG1714KC1 Datasheet
397Kb / 18P
   1.9GHz BAND FRONT-END GaAs MMIC
NJG1556KB2 NJRC-NJG1556KB2 Datasheet
309Kb / 15P
   1.5/1.9GHz BAND MIXER GaAs MMIC
NJG1107KB2 NJRC-NJG1107KB2 Datasheet
426Kb / 19P
   1.5/1.9GHz LNA GaAs MMIC
NJG1704V NJRC-NJG1704V Datasheet
340Kb / 16P
   800MHz BAND FRONT-END GaAs MMIC
NJG1704KC1 NJRC-NJG1704KC1 Datasheet
459Kb / 17P
   800MHz BAND FRONT-END GaAs MMIC
NJG1553BF NJRC-NJG1553BF Datasheet
414Kb / 9P
   1.9ghZ band mixer gAaS mmic
NJG1103F1 NJRC-NJG1103F1 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
logo
Mitsubishi Electric Sem...
MGF7124A MITSUBISHI-MGF7124A Datasheet
9Kb / 1P
   1.9GHz BAND AMPLIFIER MMIC
logo
New Japan Radio
NJG1707PG1 NJRC-NJG1707PG1 Datasheet
532Kb / 17P
   800MHz TDMA FRONT-END GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com