Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA0363ZSQ Datasheet(PDF) 6 Page - RF Micro Devices

Part # SGA0363ZSQ
Description  DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA0363ZSQ Datasheet(HTML) 6 Page - RF Micro Devices

  SGA0363ZSQ Datasheet HTML 1Page - RF Micro Devices SGA0363ZSQ Datasheet HTML 2Page - RF Micro Devices SGA0363ZSQ Datasheet HTML 3Page - RF Micro Devices SGA0363ZSQ Datasheet HTML 4Page - RF Micro Devices SGA0363ZSQ Datasheet HTML 5Page - RF Micro Devices SGA0363ZSQ Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA0363Z
Part Identification Marking
Ordering Information
Ordering Code
Description
SGA0363Z
7" Reel with 3000 pieces
SGA0363ZSQ
Sample bag with 25 pieces
SGA0363ZSR
7” Reel with 100 pieces
SGA0363Z-EVB1
850MHz, 5V Operation PCBA
1 2 3
6 5 4


Similar Part No. - SGA0363ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA0163Z RFMD-SGA0163Z Datasheet
324Kb / 6P
   DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0163Z-EVB1 RFMD-SGA0163Z-EVB1 Datasheet
324Kb / 6P
   DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0163ZSQ RFMD-SGA0163ZSQ Datasheet
324Kb / 6P
   DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0163ZSR RFMD-SGA0163ZSR Datasheet
324Kb / 6P
   DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGA0363ZSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA5263Z RFMD-SGA5263Z Datasheet
330Kb / 6P
   DC to 4500MHz, Silicon Germanium Cascadable Gain Block
SGA0163Z RFMD-SGA0163Z Datasheet
324Kb / 6P
   DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA7489Z RFMD-SGA7489Z Datasheet
486Kb / 6P
   DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com