Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGA0163ZSR Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA0163ZSR
Description  DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA0163ZSR Datasheet(HTML) 2 Page - RF Micro Devices

  SGA0163ZSR Datasheet HTML 1Page - RF Micro Devices SGA0163ZSR Datasheet HTML 2Page - RF Micro Devices SGA0163ZSR Datasheet HTML 3Page - RF Micro Devices SGA0163ZSR Datasheet HTML 4Page - RF Micro Devices SGA0163ZSR Datasheet HTML 5Page - RF Micro Devices SGA0163ZSR Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA0163Z
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ID)16
mA
Device Voltage (VD)6
V
RF Input Power
-4
dBm
Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Storage Temp
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Gain
12.9
dB
100MHz
12.8
dB
500MHz
12.7
dB
850MHz
12.0
dB
1950MHz
11.6
dB
2400MHz
10.6
dB
3500MHz
Output IP3
9.4
dBm
100MHz, Tone spacing=1MHz, POUT per tone=
-17dBm
9.5
dBm
500MHz, Tone spacing=1MHz, POUT per tone=
-17dBm
9.4
dBm
850MHz, Tone spacing=1MHz, POUT per tone=
-17dBm
9.8
dBm
1950MHz, Tone spacing=1MHz, POUT per tone=
-17dBm
9.2
dBm
2400MHz, Tone spacing=1MHz, POUT per tone=
-17dBm
9.3
dBm
3500MHz, Tone spacing=1MHz, POUT per tone=
-17dBm
Output P1dB
-1.5
dBm
100MHz
-1.5
dBm
500MHz
-1.8
dBm
850MHz
-1.8
dBm
1950MHz
-2.5
dBm
2400MHz
-2.7
dBm
3500MHz
Input Return Loss
12.5
dB
100MHz
12.7
dB
500MHz
12.8
dB
850MHz
12.4
dB
1950MHz
12.1
dB
2400MHz
11.8
dB
3500MHz
Reverse Isolation
17.3
dB
100MHz
17.4
dB
500MHz
17.6
dB
850MHz
18.1
dB
1950MHz
18.3
dB
2400MHz
18.5
dB
3500MHz
Noise Figure
4.6
dB
100MHz, ZS=50
4.6
dB
500MHz, ZS=50
4.7
dB
850MHz, ZS=50
4.6
dB
1950MHz, ZS=50
Test Conditions: ID=8mA, unless otherwise noted
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.


Similar Part No. - SGA0163ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363Z-EVB1 RFMD-SGA0363Z-EVB1 Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363ZSQ RFMD-SGA0363ZSQ Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363ZSR RFMD-SGA0363ZSR Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results

Similar Description - SGA0163ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA5263Z RFMD-SGA5263Z Datasheet
330Kb / 6P
   DC to 4500MHz, Silicon Germanium Cascadable Gain Block
logo
Stanford Microdevices
SGA-0163 STANFORD-SGA-0163 Datasheet
258Kb / 5P
   DC-4500MHZ SILICON GERMANIUM CASCADEABLE GAIN BLOCK
logo
RF Micro Devices
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
   DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA7489Z RFMD-SGA7489Z Datasheet
486Kb / 6P
   DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGA1263Z RFMD-SGA1263Z Datasheet
563Kb / 6P
   DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
   ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGC4486Z RFMD-SGC4486Z Datasheet
282Kb / 6P
   50MHz to 4000MHz ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
logo
SIRENZA MICRODEVICES
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
   50-4000 MHz Silicon Germanium Cascadable Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com