Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXT10P12DE6 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXT10P12DE6
Description  12V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXT10P12DE6 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXT10P12DE6_15 Datasheet HTML 1Page - Diodes Incorporated ZXT10P12DE6_15 Datasheet HTML 2Page - Diodes Incorporated ZXT10P12DE6_15 Datasheet HTML 3Page - Diodes Incorporated ZXT10P12DE6_15 Datasheet HTML 4Page - Diodes Incorporated ZXT10P12DE6_15 Datasheet HTML 5Page - Diodes Incorporated ZXT10P12DE6_15 Datasheet HTML 6Page - Diodes Incorporated ZXT10P12DE6_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXT10P12DE6
Document Number: DS33624 Rev: 2 - 2
1 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXT10P12DE6
A Product Line of
Diodes Incorporated
12V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
Features
BVCEO > -12V
IC = - 3A Continuous Collector Current
ICM = -10A Peak Pulse Current
RCE(sat) = 65mΩ for a Low Equivalent On-Resistance
Low Saturation Voltage (-100mV max @ 1A)
hFE Characterized up to -10A for High Current Gain Hold-Up
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT26
Case Material: Molded Plastic, “Green” Molding Compound;
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.015 grams (Approximate)
Applications
DC-DC Converters
Power Management Functions
Power Switches
Motor Control
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXT10P12DE6TA
717
7
8
3,000
ZXT10P12DE6TC
717
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "
Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2015
2016
2017
2018
2019
2020
2021
2022
2023
2024
2025
Code
C
D
E
F
G
H
I
J
K
L
M
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
Device Symbol
SOT26
Pin-Out Top
C
E
B
717 = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: C = 2015)
M or M = Month (ex: 9 = September)
717
SOT26


Similar Part No. - ZXT10P12DE6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXT10P12DE6TA ZETEX-ZXT10P12DE6TA Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6TA DIODES-ZXT10P12DE6TA Datasheet
245Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6TC ZETEX-ZXT10P12DE6TC Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6TC DIODES-ZXT10P12DE6TC Datasheet
245Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results

Similar Description - ZXT10P12DE6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXT10P20DE6 DIODES-ZXT10P20DE6_15 Datasheet
434Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT13P40DE6 DIODES-ZXT13P40DE6_15 Datasheet
648Kb / 7P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXT13P20DE6 DIODES-ZXT13P20DE6_15 Datasheet
196Kb / 7P
   20V PNP LOW SATURATION SWITCHING TRANSISTOR IN SOT26
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
   COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
   DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com