Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP2120G4 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMP2120G4
Description  200V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP2120G4 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMP2120G4_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP2120G4_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP2120G4_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP2120G4_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP2120G4_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP2120G4_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP2120G4_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ZXMP2120G4
Document number: DS33602 Rev. 4 - 2
3 of 7
www.diodes.com
May 2015
© Diodes Incorporated
ZXMP2120G4
Saturation Characteristics
VDS - Drain Source Voltage (Volts)


Similar Part No. - ZXMP2120G4_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP2120G4TA ZETEX-ZXMP2120G4TA Datasheet
442Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP2120G4TA DIODES-ZXMP2120G4TA Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP2120G4TC ZETEX-ZXMP2120G4TC Datasheet
442Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP2120G4TC DIODES-ZXMP2120G4TC Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP2120G4_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
   -200V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMP2120G4 ZETEX-ZXMP2120G4 Datasheet
442Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
   -200V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
   200V SOT23F P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP2120FF ZETEX-ZXMP2120FF Datasheet
410Kb / 10P
   200V SOT23F P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
   200V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com