Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP10A18K Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMP10A18K
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP10A18K Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMP10A18K_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP10A18K_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP10A18K_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP10A18K_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP10A18K_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP10A18K_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP10A18K_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXMP10A18K
ZXMP10A18K
Document number: DS33599 Rev. 2 - 2
5 of 7
www.diodes.com
August 2014
© Diodes Incorporated


Similar Part No. - ZXMP10A18K_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP10A18KTC ZETEX-ZXMP10A18KTC Datasheet
818Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP10A18KTC DIODES-ZXMP10A18KTC Datasheet
829Kb / 8P
   100V DPAK P-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMP10A18KTC VBSEMI-ZXMP10A18KTC Datasheet
1Mb / 9P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - ZXMP10A18K_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com