Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF327 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MRF327
Description  The RF Line NPN Silicon RF Power Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF327 Datasheet(HTML) 2 Page - Tyco Electronics

  MRF327 Datasheet HTML 1Page - Tyco Electronics MRF327 Datasheet HTML 2Page - Tyco Electronics MRF327 Datasheet HTML 3Page - Tyco Electronics MRF327 Datasheet HTML 4Page - Tyco Electronics MRF327 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS – continued (TC = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
FUNCTIONAL TESTS (Figure 1)
Common–Emitter Amplifier Power Gain
(VCC = 28 Vdc, Pout = 80 W, f = 400 MHz)
GPE
7.3
9.0
dB
Collector Efficiency
(VCC = 28 Vdc, Pout = 80 W, f = 400 MHz)
η
50
60
%
Load Mismatch
(VCC = 28 Vdc, Pout = 80 W, f = 400 MHz,
VSWR = 30:1 All Phase Angles)
ψ
No Degradation in Output Power
Figure 1. 400 MHz Test Circuit
C1, C2, C7, C8, C9 — 1.0–20 pF Piston Trimmer (Johanson JMC 5501)
C3, C4 — 36 pF ATC 100 mil Chip Capacitor
C5, C6 — 43 pF ATC 100 mil Chip Capacitor
C10 — 100 pF UNELCO
C11, C15 — 0.1
µF Erie Redcap
C12, C13 — 680 pF Feedthru
C14 — 1.0
µF 50 V Tantalum
L1 — 4 Turns #22 AWG Enameled, 3/16
″ ID Closewound with Ferroxcube
L1 — Bead (#56–590–65/4B) on Ground End of Coil
L2 — Ferroxcube VK200–19/4B Ferrite Choke
L3 — 7 Turns #18 AWG, 11/16
″ Long, Wound on a 100 kΩ 2.0 Watt Resistor
L4 — 6 Turns #20 AWG Enameled, 3/16
″ ID Closewound
L5 — 4 Turns #22 AWG Enameled, 1/8
″ ID Closewound
Z1 — Microstrip 0.2
″ W x 1.5″ L
Z2 — Microstrip 0.17
″ W x 1.16″ L
Z3 — Microstrip 0.17
″ W x 0.63″ L
R1, R2 — 10
Ω 2.0 Watt
Board — Glass Teflon
εr = 2.56, t = 0.062″
Input/Output Connectors Type N
DUT Socket Lead Frame Etched from 80–mil–Thick Copper
RF
INPUT
RF
OUTPUT
Z1
+
-
VCC
28 Vdc
Z2
Z3
C1
C2
C3
C4
L1
DUT
C5
C6
C7
C8
C9
C10
C11
R1
L5
C12
R2
L2
C13
C14
C15
+
-
L3
L4
2
REV 1


Similar Part No. - MRF327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF327 MOTOROLA-MRF327 Datasheet
166Kb / 6P
   BROADBAND RF POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor 80W, 100 to 500MHz, 28V
MRF327 MA-COM-MRF327 Datasheet
239Kb / 6P
   The RF Line Controlled ?쏲??Broadband Power Transistor
logo
New Jersey Semi-Conduct...
MRF327 NJSEMI-MRF327 Datasheet
89Kb / 2P
   NPN Silicon RF Power Transistor
logo
M/A-COM Technology Solu...
MRF327 MA-COM-MRF327_15 Datasheet
239Kb / 6P
   The RF Line Controlled Broadband Power Transistor
More results

Similar Description - MRF327

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF421 MACOM-MRF421 Datasheet
133Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
MRF426 MACOM-MRF426 Datasheet
171Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF428 MACOM-MRF428 Datasheet
628Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF317 MACOM-MRF317 Datasheet
144Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
logo
New Jersey Semi-Conduct...
MRF224 NJSEMI-MRF224 Datasheet
88Kb / 1P
   The RF Line NPN Silicon RF Power Transistor
logo
Tyco Electronics
MRF316 MACOM-MRF316 Datasheet
159Kb / 5P
   The RF Line NPN Silicon RF Power Transistor
MRF422 MACOM-MRF422 Datasheet
132Kb / 4P
   The RF Line NPN Silicon RF Power Transistor
logo
Motorola, Inc
MRF430 MOTOROLA-MRF430 Datasheet
245Kb / 4P
   THE RF LINE NPN SILICON RF POWER TRANSISTOR
logo
M/A-COM Technology Solu...
MRF448 MA-COM-MRF448_15 Datasheet
202Kb / 7P
   The RF Line NPN Silicon Power Transistor
MRF454 MA-COM-MRF454_15 Datasheet
120Kb / 4P
   The RF Line NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com