Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP6A17G Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMP6A17G
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17G Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMP6A17G_15 Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17G_15 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ZXMP6A17G
Document Number DS33375 Rev. 7 - 2
6 of 8
www.diodes.com
February 2015
© Diodes Incorporated
ZXMP6A17G
Typical Characteristics (cont.)
0.1
1
10
0
200
400
600
800
1000
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
-V
DS
- Drain - Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
I
D
= -2.3A
V
DS
= -30V
Gate-Source Voltage v Gate Charge
Capacitance v Drain-Source Voltage
Q - Charge (nC)
Test Circuits


Similar Part No. - ZXMP6A17G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17GQ DIODES-ZXMP6A17GQ Datasheet
321Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17GQTA DIODES-ZXMP6A17GQTA Datasheet
321Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17GQ DIODES-ZXMP6A17GQ_15 Datasheet
223Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP6A17GTA ZETEX-ZXMP6A17GTA Datasheet
155Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP6A17GTA DIODES-ZXMP6A17GTA Datasheet
640Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A17G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com