Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP3A17E6TC Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXMP3A17E6TC
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP3A17E6TC Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXMP3A17E6TC Datasheet HTML 1Page - Diodes Incorporated ZXMP3A17E6TC Datasheet HTML 2Page - Diodes Incorporated ZXMP3A17E6TC Datasheet HTML 3Page - Diodes Incorporated ZXMP3A17E6TC Datasheet HTML 4Page - Diodes Incorporated ZXMP3A17E6TC Datasheet HTML 5Page - Diodes Incorporated ZXMP3A17E6TC Datasheet HTML 6Page - Diodes Incorporated ZXMP3A17E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ZXMP3A17E6
Datasheet Number: DS33578 Rev. 3 - 2
6 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXMP3A17E6
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT26
Dim
Min
Max Typ
A
0.35
0.50 0.38
B
1.50
1.70 1.60
C
2.70
3.00 2.80
D

 0.95
H
2.90
3.10 3.00
J
0.013 0.10 0.05
K
1.00
1.30 1.10
L
0.35
0.55 0.40
M
0.10
0.20 0.15


All Dimensions in mm
Dimensions Value (in mm)
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
A
M
J
L
D
B C
H
K
X
Z
Y
C1
C2
C2
G


Similar Part No. - ZXMP3A17E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMP3A17E6TC ZETEX-ZXMP3A17E6TC Datasheet
196Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMP3A17E6TC DIODES-ZXMP3A17E6TC Datasheet
160Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP3A17E6TC

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IRF7316 TECHPUBLIC-IRF7316 Datasheet
2Mb / 5P
   -30V PP-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X_05 Datasheet
331Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM4835 TSC-TSM4835 Datasheet
172Kb / 5P
   30V P-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTP452M3 CYSTEKEC-MTP452M3 Datasheet
285Kb / 8P
   30V P-CHANNEL Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP32D4S DIODES-DMP32D4S_15 Datasheet
335Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
TY Semiconductor Co., L...
DMG3401LSN TYSEMI-DMG3401LSN Datasheet
100Kb / 2P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Formosa MS
FMS2303 FORMOSA-FMS2303 Datasheet
1Mb / 8P
   30V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP3A16N8 DIODES-ZXMP3A16N8 Datasheet
159Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXM64P03X ZETEX-ZXM64P03X Datasheet
205Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA87P03 PANJIT-PJA87P03 Datasheet
2Mb / 6P
   30V P-Channel ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP3008SFGQ DIODES-DMP3008SFGQ Datasheet
543Kb / 8P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com