Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBF5089ZSR Datasheet(PDF) 7 Page - RF Micro Devices

Part # SBF5089ZSR
Description  DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBF5089ZSR Datasheet(HTML) 7 Page - RF Micro Devices

  SBF5089ZSR Datasheet HTML 1Page - RF Micro Devices SBF5089ZSR Datasheet HTML 2Page - RF Micro Devices SBF5089ZSR Datasheet HTML 3Page - RF Micro Devices SBF5089ZSR Datasheet HTML 4Page - RF Micro Devices SBF5089ZSR Datasheet HTML 5Page - RF Micro Devices SBF5089ZSR Datasheet HTML 6Page - RF Micro Devices SBF5089ZSR Datasheet HTML 7Page - RF Micro Devices SBF5089ZSR Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7 of 8
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBF5089Z
Suggested Pad Layout
Package Drawing
Dimensions in inches (millimeters)
Refer to drawing posted at www.rfmd.com for tolerances.
0.3255 [8.27]
0.2560 [6.50]
DEVICE
CE NTER LINE
0.0775 [1.97]
0.0750 [1.91]
INP UT/OUTPU T TR ACE
CENTER LIN E
0.0600 [1.52]
0.0450 [1.14]
0.0420 [1.07]
0.0506 [1.29]
0.0800 [2.03]
0.0899 [2.28]
0.0270 [0.69]
Ø0.0200 [Ø0.51] GND Via 9X
0.0250 [0.64]
(2X)
0.0540 [1.37]
(2X)
0.0640 [1.63]
(2X)
0.0750 [1.91]
(2X)
0.0540 [1.37]
0.0449 [1.14]
NOTE: For broadband RF
unconditional stability do not
put vias under exposed gnd


Similar Part No. - SBF5089ZSR

ManufacturerPart #DatasheetDescription
logo
Sensitron
SBF50P10-023L SENSITRON-SBF50P10-023L Datasheet
161Kb / 3P
   RAD TOLERANT LOW RDS HERMETIC POWER MOSFET - P-CHANNEL
More results

Similar Description - SBF5089ZSR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBF4089Z RFMD-SBF4089Z Datasheet
643Kb / 8P
   DC to 500MHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBF-4089 SIRENZA-SBF-4089 Datasheet
230Kb / 5P
   DC-500 MHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
   DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA4086Z RFMD-SBA4086Z Datasheet
596Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
   DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBA5086Z RFMD-SBA5086Z Datasheet
550Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBA5089Z RFMD-SBA5089Z Datasheet
493Kb / 6P
   DCto5GHz, CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089-Z RFMD-SBW-5089-Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com