Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBB5089Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SBB5089Z
Description  50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB5089Z Datasheet(HTML) 2 Page - RF Micro Devices

  SBB5089Z Datasheet HTML 1Page - RF Micro Devices SBB5089Z Datasheet HTML 2Page - RF Micro Devices SBB5089Z Datasheet HTML 3Page - RF Micro Devices SBB5089Z Datasheet HTML 4Page - RF Micro Devices SBB5089Z Datasheet HTML 5Page - RF Micro Devices SBB5089Z Datasheet HTML 6Page - RF Micro Devices SBB5089Z Datasheet HTML 7Page - RF Micro Devices SBB5089Z Datasheet HTML 8Page - RF Micro Devices SBB5089Z Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 of 10
DS150622
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBB5089Z
Typical Performance at Key Operating Frequencies (0.5GHz to 3.5GHz Application Circuit)
Absolute Maximum Ratings
Parameter
Rating
Unit
Device Current (ID)100
mA
Max Device Voltage (VD)
5.5
V
Max RF Input Power
24
dBm
Max Operating Dissipated Power
0.55
W
Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +105
°C
Storage Temp Range
-40 to +150
°C
ESD Rating - Human Body Model (HBM)
Class 1C
Moisture Sensitivity Level
MSL2
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l and TL=TLEAD
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
21.1
dB
50MHz
20.9
dB
100MHz
20.8
dB
200MHz
20.8
dB
500MHz
20.8
dB
850MHz
20.1
dB
1950MHz
19.8
dB
2500MHz
18.7
dB
3500MHz
17.8
dB
4000MHz
Output Third Order Intercept Point
36
dBm
50MHz
37.8
dBm
100MHz
37.5
dBm
200MHz
38.6
dBm
500MHz
39.2
dBm
850MHz
34.9
dBm
1950MHz
32.8
dBm
2500MHz
29.4
dBm
3500MHz
26.8
dBm
4000MHz
Output Power at 1dB Compression
19.4
dBm
50MHz
19.7
dBm
100MHz
20
dBm
200MHz
20.5
dBm
500MHz
20.4
dBm
850MHz
20.4
dBm
1950MHz
19.4
dBm
2500MHz
16.9
dBm
3500MHz
14.7
dBm
4000MHz
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.


Similar Part No. - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
SBB5089Z QORVO-SBB5089Z Datasheet
1Mb / 11P
   50MHz-6000MHz, Cascadable Amplifier
SBB5089ZPCK1 QORVO-SBB5089ZPCK1 Datasheet
1Mb / 11P
   50MHz-6000MHz, Cascadable Amplifier
More results

Similar Description - SBB5089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
   50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
   50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
   50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB3000 RFMD-SBB3000 Datasheet
352Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB3082S RFMD-SBB3082S Datasheet
706Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB5082S RFMD-SBB5082S Datasheet
845Kb / 6P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB3089Z RFMD-SBB3089Z Datasheet
387Kb / 5P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
SBB4082S RFMD-SBB4082S Datasheet
744Kb / 5P
   InGaP HBT Active Bias Gain Block 50MHz to 6000MHz
SBB-3089Z RFMD-SBB-3089Z Datasheet
252Kb / 6P
   50MHz to 6000MHz InGaP HBT ACTIVE BIAS GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com