Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF3104 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF3104
Description  MICROWAVE LINEAR POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF3104 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF3104 Datasheet HTML 1Page - Tyco Electronics MRF3104 Datasheet HTML 2Page - Tyco Electronics MRF3104 Datasheet HTML 3Page - Tyco Electronics MRF3104 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
200
0
100
1.2
1.0
0.8
0.6
0.4
0.0
0.2
Freq = 1.6 GHz, IC = 120 mA
15 V
VCE = 20 V
10 V
Pin, INPUT POWER (mW)
Figure 2. Output Power versus Input Power
TYPICAL CHARACTERISTICS — continued
MRF3105
VCE
IC
f
S11
S21
S12
S22
VCE
(V)
IC
(mA)
f
(MHz)
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
20
120
1550
1575
1600
1625
1650
0.75
0.75
0.75
0.75
0.75
139
138
137
137
136
1.49
1.46
1.44
1.42
1.39
19
18
17
15
14
0.09
0.10
0.10
0.10
0.10
44
43
43
43
42
0.42
0.42
0.43
0.43
0.44
–124
–126
–127
–129
–130
Table 2. Common Emitter S–Parameters
400
0
100
200
300
3
2
1
0
Pin, INPUT POWER (mW)
Freq = 1.6 GHz, IC = 240 mA
15 V
VCE = 20 V
10 V
Figure 3. Output Power versus Input Power
MRF3106
VCE
IC
f
S11
S21
S12
S22
VCE
(V)
IC
(mA)
f
(MHz)
Mag
Deg
Mag
Deg
Mag
Deg
Mag
Deg
20
240
1550
1575
1600
1625
1650
0.97
0.97
0.96
0.96
0.95
145
143
142
140
139
0.78
0.78
0.77
0.76
0.75
11
10
9
8
7
0.20
0.17
0.16
0.14
0.12
–130
–104
–104
–104
–104
0.56
0.56
0.56
0.56
0.56
169
168
166
165
164
Table 3. Common Emitter S–Parameters
3
REV 6


Similar Part No. - MRF3104

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF3104 MA-COM-MRF3104 Datasheet
149Kb / 6P
   The RF Line: Microwave Linear Power Transistors 0.5-1.6W, 1.55-1.65GHz, 20V
More results

Similar Description - MRF3104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
   MICROWAVE LINEAR POWER TRANSISTORS
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
logo
Advanced Power Technolo...
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
SD1492 STMICROELECTRONICS-SD1492 Datasheet
97Kb / 7P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
November 1992
logo
Advanced Power Technolo...
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
   RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
logo
STMicroelectronics
SD1459 STMICROELECTRONICS-SD1459 Datasheet
60Kb / 5P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
SD1476 STMICROELECTRONICS-SD1476 Datasheet
90Kb / 8P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
November 1992
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com