Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF3104 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MRF3104
Description  MICROWAVE LINEAR POWER TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF3104 Datasheet(HTML) 1 Page - Tyco Electronics

  MRF3104 Datasheet HTML 1Page - Tyco Electronics MRF3104 Datasheet HTML 2Page - Tyco Electronics MRF3104 Datasheet HTML 3Page - Tyco Electronics MRF3104 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The RF Line
Microwave Linear
Power Transistors
• Designed for Class A, Common Emitter Linear Power Amplifiers.
• Specified 20 Volt, 1.6 GHz Characteristics:
MRF3104
MRF3105
MRF3106
Output Power
0.5 W
0.8 W
1.6 W
Power Gain
10.5 dB
9 dB
8 dB
• Low Parasitic Microwave Stripline Package
• Gold Metalization for Improved Reliability
• Diffused Ballast Resistors
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
22
Vdc
Collector–Emitter Voltage
VCES
50
Vdc
Emitter–Base Voltage
VEBO
3.5
Vdc
Collector Current
MRF3104, MRF3105
MRF3106
IC
0.4
0.8
Adc
Operating Junction Temperature
Tj
200
°C
Storage Temperature
Tstg
–65 to +125
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case, DC
MRF3104
MRF3105
MRF3106
RθJC (DC)
40
35
22
°C/W
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mA, IB = 0)
BVCEO
22
Vdc
Collector–Emitter Breakdown Voltage
(IC = 10 mA, VBE = 0)
BVCES
50
Vdc
Collector–Base Breakdown Voltage
(IC = 1 mA, IE = 0)
BVCBO
45
Vdc
Emitter–Base Breakdown Voltage
(IE = 0.25 mA, IC = 0)
BVEBO
3.5
Vdc
Collector Cutoff Current
MRF3104, MRF3105
(VCB = 28 V, IE = 0)
MRF3106
ICBO
0.25
0.5
mAdc
ON CHARACTERISTICS
DC Current Gain
(VCE = 5.0 V, IC = 100 mA)
hFE
20
35
120
(continued)
MRF3104
MRF3105
MRF3106
8.0–12 dB GAIN
1.55–1.65 GHz
MICROWAVE LINEAR
POWER TRANSISTORS
CASE 305A–01, STYLE 1
(.204
″ PILL)
Order this document
by MRF3104/D
SEMICONDUCTOR TECHNICAL DATA
1
REV 6


Similar Part No. - MRF3104

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF3104 MA-COM-MRF3104 Datasheet
149Kb / 6P
   The RF Line: Microwave Linear Power Transistors 0.5-1.6W, 1.55-1.65GHz, 20V
More results

Similar Description - MRF3104

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRW54001 MOTOROLA-MRW54001 Datasheet
62Kb / 4P
   MICROWAVE LINEAR POWER TRANSISTORS
MRF3094 MOTOROLA-MRF3094 Datasheet
65Kb / 6P
   MICROWAVE LINEAR POWER TRANSISTORS
logo
Advanced Power Technolo...
MS1508 ADPOW-MS1508 Datasheet
115Kb / 3P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1582 ADPOW-MS1582 Datasheet
119Kb / 3P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
logo
STMicroelectronics
SD1456 STMICROELECTRONICS-SD1456 Datasheet
95Kb / 5P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
SD1492 STMICROELECTRONICS-SD1492 Datasheet
97Kb / 7P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
November 1992
logo
Advanced Power Technolo...
MS1279 ADPOW-MS1279 Datasheet
123Kb / 4P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
   RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
logo
STMicroelectronics
SD1459 STMICROELECTRONICS-SD1459 Datasheet
60Kb / 5P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
SD1476 STMICROELECTRONICS-SD1476 Datasheet
90Kb / 8P
   RF & MICROWAVE TRANSISTORS TV/LINEAR APPLICATIONS
November 1992
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com