Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1136 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RF1136
Description  BROADBAND LOW POWER SP3T SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1136 Datasheet(HTML) 9 Page - RF Micro Devices

  RF1136 Datasheet HTML 1Page - RF Micro Devices RF1136 Datasheet HTML 2Page - RF Micro Devices RF1136 Datasheet HTML 3Page - RF Micro Devices RF1136 Datasheet HTML 4Page - RF Micro Devices RF1136 Datasheet HTML 5Page - RF Micro Devices RF1136 Datasheet HTML 6Page - RF Micro Devices RF1136 Datasheet HTML 7Page - RF Micro Devices RF1136 Datasheet HTML 8Page - RF Micro Devices RF1136 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9 of 9
RF1136
Rev A1 DS090630
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Typical Performance Data on Evaluation Board:
Fixture losses have been de-embedded (Temp=25°C, VDD=2.6V, V1=V2=High=1.8V, V1=V2=Low=0V).


Similar Part No. - RF1136

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
RF11 EXTECH-RF11 Datasheet
291Kb / 1P
   Portable Refractometers
logo
Adam Technologies, Inc.
RF11-01-T-00-50-G ADAM-TECH-RF11-01-T-00-50-G Datasheet
66Kb / 1P
   909 Rahway Avenue
RF11-01-T-50-G ADAM-TECH-RF11-01-T-50-G Datasheet
96Kb / 1P
   MCX JACK PCB VERTICAL
RF11-04-D-00-50-G ADAM-TECH-RF11-04-D-00-50-G Datasheet
72Kb / 1P
   MCX FEMALE PCB MOUNT
RF11-11-T-03-75-G ADAM-TECH-RF11-11-T-03-75-G Datasheet
112Kb / 1P
   MCX MALE CRIMP RGI74
More results

Similar Description - RF1136

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF1603A RFMD-RF1603A Datasheet
572Kb / 10P
   BROADBAND HIGH POWER SP3T SWITCH
logo
M/A-COM Technology Solu...
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch
MASW-009482 MA-COM-MASW-009482_15 Datasheet
771Kb / 8P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359_15 Datasheet
693Kb / 6P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch
MASW-009359 MA-COM-MASW-009359 Datasheet
196Kb / 5P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
MASW-009482 MA-COM-MASW-009482 Datasheet
224Kb / 7P
   GaAs Broadband High Power SP3T Switch DC - 4.0 GHz
logo
RF Micro Devices
RF1127 RFMD-RF1127 Datasheet
555Kb / 8P
   BROADBAND LOW POWER SPDT SWITCH
RF1147 RFMD-RF1147 Datasheet
588Kb / 9P
   BROADBAND LOW POWER SP4T SWITCH
RF1156 RFMD-RF1156 Datasheet
267Kb / 8P
   BROADBAND LOW POWER SP5T SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com