Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S8740240GT Datasheet(PDF) 1 Page - RF Micro Devices

Part # S8740240GT
Description  GaAs Push Pull Hybrid 40MHz to 870MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

S8740240GT Datasheet(HTML) 1 Page - RF Micro Devices

  S8740240GT Datasheet HTML 1Page - RF Micro Devices S8740240GT Datasheet HTML 2Page - RF Micro Devices S8740240GT Datasheet HTML 3Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140226
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 3
S8740240GT
GaAs Push Pull Hybrid
40MHz to 870MHz
The S8740240GT is a Hybrid Push Pull amplifier module. The
part employs GaAs die and is operated from 40MHz to
870MHz. It provides excellent linearity and superior return
loss performance with low noise and optimal reliability.
Package: SOT-115J
Features
Excellent Linearity
Superior Return Loss Performance
Extremely Low Distortion
Optimal Reliability
Low Noise
Unconditionally Stable Under All
Terminations
24.2dB Min. Gain at 870MHz
240mA Max. at 24VDC
Applications
40MHz to 870MHz CATV Amplifier
Systems
Ordering Information
S8740240GT
Box with 50 Pieces
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Input Voltage (single tone)
75
dBmV
DC Supply Over-Voltage (5 minutes)
30
V
Storage Temperature
-40 to +100
°C
Operating Mounting Base Temperature
-30 to +100
°C
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
S8740240GT


Similar Part No. - S8740240GT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S8740240GT PDI-S8740240GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC
More results

Similar Description - S8740240GT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
S8740280GT RFMD-S8740280GT Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740220GT RFMD-S8740220GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P12 RFMD-S8740240P12 Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740240P RFMD-S8740240P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740180GT RFMD-S8740180GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740200P RFMD-S8740200P Datasheet
265Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740220P RFMD-S8740220P Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740260GT RFMD-S8740260GT Datasheet
267Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
S8740340PT RFMD-S8740340PT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
logo
Qorvo, Inc
S8740180GT QORVO-S8740180GT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com