Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RVA3007LTR13 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RVA3007LTR13
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RVA3007LTR13 Datasheet(HTML) 1 Page - RF Micro Devices

  RVA3007LTR13 Datasheet HTML 1Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 2Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 3Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 4Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 5Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 6Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 7Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 8Page - RF Micro Devices RVA3007LTR13 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
RF MEMS
LDMOS
1
7
8
2
3
4
5
6
Voltage
Variable
Attenuator
RF OUT
RF IN
VCTRL
RVA3007L
ANALOG CONTROLLED VARIABLE GAIN
AMPLIFIER
RFMD’s RVA3007L is a fully integrated analog controlled variable gain
amplifier featuring exceptional linearity over a greater than 19dB gain
control range. This variable gain amplifier is controlled by a single 0V to
3.3V positive supply voltage. The RVA3007L is packaged in a small
7mmx7mm leadless laminate MCM which contains solid thermal vias for
ultra low thermal resistance. This module is internally matched to 50
and is easy to use with no external matching components required.
Features
2440MHz to 2750MHz
Operation
Gain=28dB Typical
Gain Adjustment Range
>19dB
ACPR=-64dBc Typ. at
+12dBm POUT (Dual Carrier
WCDMA)
Small, 7mmx7mm,
Multi-Chip Module
Applications
Cellular, 3G and 4G
Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High Linearity Power Control
DS111014
Package: MCM, 7mm x7mm
RVA3007LAna-
log Controlled
Variable Gain
Amplifier
RVA3007LSQ
Sample bag with 25 pieces
RVA3007LSR
7” Sample reel with 100 pieces
RVA3007LTR7
7” Reel with 1500 pieces
RVA3007LTR13
13” Reel with 2500 pieces
RVA3007LPCK-410 2440MHz to 2750MHz PCBA with 5-piece sample bag


Similar Part No. - RVA3007LTR13

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RVA-2000V3 MINI-RVA-2000V3 Datasheet
470Kb / 2P
   Voltage Variable Attenuator
RVA-2000V35 MINI-RVA-2000V35 Datasheet
533Kb / 3P
   Voltage Variable Attenuator
RVA-2500 MINI-RVA-2500 Datasheet
83Kb / 1P
   Voltage Variable Attenuator
RVA-2500-75 MINI-RVA-2500-75 Datasheet
522Kb / 3P
   Voltage Variable Attenuator
RVA-3000 MINI-RVA-3000 Datasheet
210Kb / 2P
   Voltage Variable Attenuator 50廓 20 to 3000 MHz
More results

Similar Description - RVA3007LTR13

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RVA1007L RFMD-RVA1007L Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1017 RFMD-RFVA1017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA1027 RFMD-RFVA1027 Datasheet
932Kb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA2017 RFMD-RFVA2017 Datasheet
1Mb / 9P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RVA2007L RFMD-RVA2007L Datasheet
1Mb / 10P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER
RFVA0016 RFMD-RFVA0016 Datasheet
1Mb / 19P
   ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
logo
NXP Semiconductors
BGU7073 NXP-BGU7073 Datasheet
393Kb / 22P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 6-15 February 2017
BGU7075 NXP-BGU7075 Datasheet
378Kb / 20P
   Analog controlled high linearity low noise variable gain amplifier
Rev. 4-15 February 2017
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com