Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF160 Datasheet(PDF) 9 Page - Tyco Electronics

Part # MRF160
Description  MOSFET BROADBAND RF POWER FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF160 Datasheet(HTML) 9 Page - Tyco Electronics

  MRF160 Datasheet HTML 1Page - Tyco Electronics MRF160 Datasheet HTML 2Page - Tyco Electronics MRF160 Datasheet HTML 3Page - Tyco Electronics MRF160 Datasheet HTML 4Page - Tyco Electronics MRF160 Datasheet HTML 5Page - Tyco Electronics MRF160 Datasheet HTML 6Page - Tyco Electronics MRF160 Datasheet HTML 7Page - Tyco Electronics MRF160 Datasheet HTML 8Page - Tyco Electronics MRF160 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PACKAGE DIMENSIONS
CASE 249–06
ISSUE H
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. SEATING PLANE = GROUND AND IS CONNECTED
TO PIN 1 AND 3.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.271
0.286
6.88
7.26
INCHES
C
0.112
0.136
2.84
3.45
D
0.215
0.235
5.46
5.97
H
0.055
0.065
1.40
1.65
J
0.003
0.007
0.08
0.18
K
0.435
–––
11.05
–––
M
45 REF
45 REF
__
D
M
K
J
H
C
A
1
4
3
2
SEATING
PLANE
STYLE 3:
PIN 1. SOURCE
2. GATE
3. SOURCE
4. DRAIN
9
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
REV 5


Similar Part No. - MRF160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
102Kb / 2P
   Fast Acting Radial Lead Micro Fuse Series
logo
M/A-COM Technology Solu...
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
   The RF MOSFET Line: Broadband Power FET 4W, to 500MHz, 28V
logo
Advanced Semiconductor
MRF160 ASI-MRF160 Datasheet
167Kb / 1P
   POWE FIELD EFFECT TRANSISTOR
logo
Bel Fuse Inc.
MRF160 BEL-MRF160 Datasheet
1Mb / 4P
   TYPE MRF FAST ACTING RADIAL LEAD MICRO FUSE SERIES
More results

Similar Description - MRF160

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF160 MOTOROLA-MRF160 Datasheet
122Kb / 8P
   MOSFET BROADBAND RF POWER FET
logo
Tyco Electronics
MRF171A MACOM-MRF171A Datasheet
225Kb / 12P
   MOSFET BROADBAND RF POWER FET
logo
M/A-COM Technology Solu...
MRF134 MA-COM-MRF134 Datasheet
498Kb / 12P
   The RF MOSFET Line: Broadband RF Power FET
MRF134 MA-COM-MRF134_17 Datasheet
991Kb / 13P
   The RF MOSFET Line: Broadband RF Power FET
MRF134 MA-COM-MRF134_15 Datasheet
498Kb / 12P
   Broadband RF Power FET
MRF160 MA-COM-MRF160_17 Datasheet
876Kb / 12P
   The RF MOSFET Line: Broadband Power FET
MRF160 MA-COM-MRF160 Datasheet
533Kb / 11P
   The RF MOSFET Line: Broadband Power FET
MRF154 MA-COM-MRF154 Datasheet
293Kb / 9P
   Broadband RF Power MOSFET Broadband RF Power MOSFET
logo
Tyco Electronics
MRF158 MACOM-MRF158 Datasheet
493Kb / 16P
   TMOS BROADBAND RF POWER FET
logo
Motorola, Inc
MRF158 MOTOROLA-MRF158 Datasheet
93Kb / 6P
   TMOS BROADBAND RF POWER FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com