Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFUV1703PCBA-410 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFUV1703PCBA-410
Description  21GHz TO 26.5GHz GaAs MMIC IQ UPCONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFUV1703PCBA-410 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFUV1703PCBA-410 Datasheet HTML 6Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 7Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 8Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 9Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 10Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 11Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 12Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 13Page - RF Micro Devices RFUV1703PCBA-410 Datasheet HTML 14Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10 of 14
RFUV1703
DS130313
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Performance Using Single Control on VG1 = VG2 (without IQ bias)_3
VMPA = 4.5V, VLPA12 = 3.5V, VLOA1 = VLOA2 = 4V, VC1 = VC2 = -4V
VG1 and VG2 are connected together off chip and changes over (-0.3V to -1V)
20.0
15.0
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27
218
226
239
253
270
290
309
331
352
375
399
424
448
473
499
RF Frequency (GHz)
USB Conversion Gain versus RF Frequency
With (V
G1 + VG2) Variation
I_Total (mA)
15.0
10.0
5.0
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
21.2
21.8
22.5
23.1
23.8
24.4
25.1
25.7
26.4
27
218
226
239
253
270
290
309
331
352
375
399
424
448
473
499
RF Frequency (GHz)
USB OIP3 versus RF Frequency
With (V
G1 + VG2) Variation
I_Total (mA)
40
35
30
25
20
15
10
5
0
5
18.7
19.3
20
20.6
21.3
21.9
22.6
23.2
23.9
24.5
218
226
239
253
270
290
309
331
352
375
399
424
448
473
499
X2 LO Frequency (GHz)
USB X2 LO Leakage versus X2 LO Frequency
With (V
G1 + VG2) Variation No IQ BIAS
I_Total (mA)


Similar Part No. - RFUV1703PCBA-410

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFUV1703PCBA-410 QORVO-RFUV1703PCBA-410 Datasheet
1Mb / 13P
   21 GHz to 26.5 GHz GaAs MMIC IQ Upco
More results

Similar Description - RFUV1703PCBA-410

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
   17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
RFUV1003 RFMD-RFUV1003 Datasheet
1Mb / 10P
   GaAs MMIC IQ UpConverter 12GHz to 16GHz
logo
NEC
UPC8125GR NEC-UPC8125GR Datasheet
67Kb / 5P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
UPC8125GR NEC-UPC8125GR_99 Datasheet
176Kb / 15P
   SILICON MMIC UPCONVERTER WITH AGC IQ MODULATOR
logo
RF Micro Devices
RFRX1001 RFMD-RFRX1001 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 10GHz to 15.4GHz
RFRX1002 RFMD-RFRX1002 Datasheet
1Mb / 9P
   GaAs MMIC IQ Downconverter 9GHz to 14GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
   GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
logo
Marki Microwave
MMIQ-1865H MARKIMICROWAVE-MMIQ-1865H Datasheet
1Mb / 19P
   Passive GaAs MMIC IQ Mixer
MMIQ-0520HSM MARKIMICROWAVE-MMIQ-0520HSM Datasheet
932Kb / 13P
   Passive GaAs MMIC IQ Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com