Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF157 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MRF157
Description  MOS LINEAR RF POWER FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF157 Datasheet(HTML) 4 Page - Tyco Electronics

  MRF157 Datasheet HTML 1Page - Tyco Electronics MRF157 Datasheet HTML 2Page - Tyco Electronics MRF157 Datasheet HTML 3Page - Tyco Electronics MRF157 Datasheet HTML 4Page - Tyco Electronics MRF157 Datasheet HTML 5Page - Tyco Electronics MRF157 Datasheet HTML 6Page - Tyco Electronics MRF157 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
3
2
1
0
0
20
40
60
80
100
Pin, POWER INPUT (WATTS)
VDD = 60 V
IDQ = 2 x 800 mA
f = 30 MHz
t1 = 1 ms (See Fig. 9)
t2 = 10 ms (See Fig. 9)
Figure 8. Output Power versus Input Power
Under Pulse Conditions (2 x MRF157)
Figure 9. Thermal Response versus
Pulse Width
Figure 10. Series Equivalent Impedance
0.01
0.02
0.05
0.1
0.2
0.5
1
10-2
10-1
110
102
103
104
PULSE WIDTH, t (ms)
D = 0.5
0.2
0.1
0.05
0.02
SINGLE PULSE
RθJC(t) = r(t) RθJC
RθJC = 0.13°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) RθJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Note: Pulse data for this graph was taken in a push–pull circuit similar
Note: to the one shown. However, the output matching network was
Note: modified for the higher level of peak power.
Note: To determine ZOL*, use formula
= ZOL*
(VCC – Vsat)2
2Po
f = 100 MHz
2.0
4.0
7.5
15
30
60
VDD = 50 V
IDQ = 800 mA
Pout = 600 W
Zo = 10 Ω
Zin
4
REV 1


Similar Part No. - MRF157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
   MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF157 MA-COM-MRF157 Datasheet
327Kb / 9P
   Linear RF Power MOSFET 600W, to 80MHz
MRF157 MA-COM-MRF157 Datasheet
327Kb / 9P
   Linear RF Power MOSFET 600W, to 80MHz
logo
Freescale Semiconductor...
MRF1570FNT1 FREESCALE-MRF1570FNT1 Datasheet
620Kb / 23P
   RF Power Field Effect Transistors
MRF1570FT1 FREESCALE-MRF1570FT1 Datasheet
437Kb / 20P
   RF Power Field Effect Transistors
More results

Similar Description - MRF157

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF157 MOTOROLA-MRF157 Datasheet
178Kb / 8P
   MOS LINEAR RF POWER FET
MRF150 MOTOROLA-MRF150 Datasheet
148Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF140 MACOM-MRF140 Datasheet
204Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Motorola, Inc
MRF148 MOTOROLA-MRF148 Datasheet
144Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF148 MACOM-MRF148 Datasheet
169Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Motorola, Inc
MRF140 MOTOROLA-MRF140 Datasheet
163Kb / 6P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
Tyco Electronics
MRF150 MACOM-MRF150 Datasheet
183Kb / 8P
   N-CHANNEL MOS LINEAR RF POWER FET
logo
M/A-COM Technology Solu...
MRF148A MA-COM-MRF148A_15 Datasheet
285Kb / 7P
   Linear RF Power FET
MRF148A MA-COM-MRF148A_17 Datasheet
711Kb / 8P
   Linear RF Power FET
logo
Mitsubishi Electric Sem...
2SK2973 MITSUBISHI-2SK2973 Datasheet
37Kb / 3P
   RF POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com