Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF6618PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6618PBF
Description  Ideal for CPU Core DC-DC Converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6618PBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6618PBF_15 Datasheet HTML 1Page - International Rectifier IRF6618PBF_15 Datasheet HTML 2Page - International Rectifier IRF6618PBF_15 Datasheet HTML 3Page - International Rectifier IRF6618PBF_15 Datasheet HTML 4Page - International Rectifier IRF6618PBF_15 Datasheet HTML 5Page - International Rectifier IRF6618PBF_15 Datasheet HTML 6Page - International Rectifier IRF6618PBF_15 Datasheet HTML 7Page - International Rectifier IRF6618PBF_15 Datasheet HTML 8Page - International Rectifier IRF6618PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6618PbF
6
www.irf.com
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
Fig 14a. Gate Charge Test Circuit
Fig 14b. Gate Charge Waveform
Vds
Vgs
Id
Vgs(th)
Qgs1 Qgs2
Qgd
Qgodr
Fig 15b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 15a. Unclamped Inductive Test Circuit
Fig 16b. Switching Time Waveforms
V
GS
V
DS
90%
10%
t
d(on)
t
d(off)
t
r
t
f
Fig 16a. Switching Time Test Circuit
V
GS
Pulse Width < 1µs
Duty Factor < 0.1%
V
DD
V
DS
L
D
D.U.T
+
-
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS


Similar Part No. - IRF6618PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6618PBF IRF-IRF6618PBF Datasheet
240Kb / 8P
   DirectFET짰Power MOSFET 짰
More results

Similar Description - IRF6618PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6623TR1PBF IRF-IRF6623TR1PBF Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6617PBF IRF-IRF6617PBF_15 Datasheet
244Kb / 9P
   Ideal for CPU Core DC-DC Converters
IRF6619PBF IRF-IRF6619PBF_15 Datasheet
296Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6621PBF IRF-IRF6621PBF_15 Datasheet
266Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6636PBF IRF-IRF6636PBF_15 Datasheet
288Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6638PBF IRF-IRF6638PBF_15 Datasheet
285Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6609PBF IRF-IRF6609PBF_15 Datasheet
271Kb / 11P
   Ideal for CPU Core DC-DC Converters
IRF6622PBF IRF-IRF6622PBF_15 Datasheet
251Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6610PBF IRF-IRF6610PBF Datasheet
247Kb / 10P
   Ideal for CPU Core DC-DC Converters
IRF6611PBF IRF-IRF6611PBF_15 Datasheet
267Kb / 10P
   Ideal for CPU Core DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com