Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTD1047B Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTD1047B
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1047B Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTD1047B_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1047B_15 Datasheet HTML 2Page - KEC(Korea Electronics) KTD1047B_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2011. 3. 18
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD1047B
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 0
HIGH POWER AMPLIFIER APPLICATION.
FEATURES
・Complementary to KTB817B.
・Recommended for 60W Audio Frequency
Amplifier Output Stage.
MAXIMUM RATING (Ta=25
℃)
TO-3P(N)-E
K
A
D
B
d
PP
T
Q
1
2
3
M
N
O
E
A
MILLIMETERS
DIM
B
C
D
d
E
F
G
H
I
J
K
L
O
N
P
Q
M
19.90 0.20
2.00 0.20
1.00 0.20
3.00 0.20
3.80 0.20
3.50 0.20
13.90 0.20
12.76 0.20
23.40 0.20
1.5+0.15-0.05
16.50 0.30
1.40 0.20
13.60 0.20
9.60 0.20
5.45 0.30
R
T
0.60+0.15-0.05
15.60 0.20
+
_
4.80 0.20
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
3.20 0.10
+
_
18.70 0.20
+
_
1. BASE
2. COLLECTOR (HEAT SINK)
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Note : hFE(1) Classification O:60~120, Y:100~200
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
6
V
Collector Current
DC
IC
12
A
Pulse
ICP
15
Collector Power Dissipation (Tc=25
℃)
PC
100
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=80V, IE=0
-
-
0.1
mA
Emitter Cut-off Current
IEBO
VEB=4V, IC=0
-
-
0.1
mA
DC Current Gain
hFE (1) (Note)
VCE=5V, IC=1A
60
-
200
hFE 2
VCE=5V, IC=6A
20
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=5A, IB=0.5A
-
-
2.5
V
Base-Emitter Voltage
VBE(ON)
VCE=5V, IC=1A
-
-
1.5
V
Transition Frequency
fT
VCE=5V, IC=1A
-
15
-
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
210
-
pF
Turn On Time
ton
VCC=20V
IC=1A=10・IB1=-10・IB2
RL=20Ω
-
0.26
-
μS
Fall Time
tf
-
0.68
-
Storage Time
tstg
-
6.88
-


Similar Part No. - KTD1047B_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1047B KEC-KTD1047B Datasheet
365Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results

Similar Description - KTD1047B_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com