Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC5242A Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTC5242A
Description  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC5242A Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTC5242A Datasheet HTML 1Page - KEC(Korea Electronics) KTC5242A Datasheet HTML 2Page - KEC(Korea Electronics) KTC5242A Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2004. 11. 26
2/3
KTC5242A
Revision No : 0
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
COLLECTOR CURRENT I
(A)
100
0.01
0.03
0.1
0.3
C
1k
h
- I
COLLECTOR CURRENT I
(A)
0.01
0.03
0.1
0.3
C
0.03
V
- I
COLLECTOR CURRENT I (A)
COLLECTOR CURRENT I
(A)
0.01
0.03
0.1
0.3
C
f - I
C
V
- I
2
4
6
8
10
12
14
16
2
4
6
8
10
12
COMMON EMITTER
Ta=25 C
I =20mA
B
300
200
140
100
80
60
40
BASE-EMITTER VOLTAGE V
(V)
0
0
BE
I
- V
CBE
0.4
0.8
1.2
1.6
2.0
3
6
9
12
COMMON EMITTER
V
=5V
CE
FE
C
1
3
10
20
3
5
10
30
50
300
500
COMMON EMITTER
V
=5V
CE
Ta=100 C
Ta=25 C
Ta=-25 C
CE(sat)
C
0.05
0.1
0.01
0.01
0.005
0.003
0.03
0.03
0.3
1
3
10 20
1
0.1
0.3
0.5
COMMON EMITTER
I /I =10
C B
Ta=
-25
C
Ta=25 C
Ta=100 C
BE(sat)
1
3
10
20
0.05
0.1
0.3
0.5
1
3
5
10
COMMON EMITTER
I /I =10
C B
Ta=-25 C
Ta=25 C
Ta=100 C
TC
13
10
0.5
1
3
5
10
30
50
100
COMMON EMITTER
V
=5V
Tc=25 C
CE
C


Similar Part No. - KTC5242A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC5242 KEC-KTC5242 Datasheet
317Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR(POWER AMPLIFIER)
logo
Inchange Semiconductor ...
KTC5242-3PN ISC-KTC5242-3PN Datasheet
154Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - KTC5242A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTD1530 KEC-KTD1530 Datasheet
650Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com