Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN3A03E6TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN3A03E6TC
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3A03E6TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN3A03E6TC Datasheet HTML 1Page - Diodes Incorporated ZXMN3A03E6TC Datasheet HTML 2Page - Diodes Incorporated ZXMN3A03E6TC Datasheet HTML 3Page - Diodes Incorporated ZXMN3A03E6TC Datasheet HTML 4Page - Diodes Incorporated ZXMN3A03E6TC Datasheet HTML 5Page - Diodes Incorporated ZXMN3A03E6TC Datasheet HTML 6Page - Diodes Incorporated ZXMN3A03E6TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN3A03E6
Datasheet Number: DS33531 Rev. 4 - 2
2 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXMN3A03E6
Maximum Ratings (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGS
20
V
Continuous Drain Current
VGS = 10V
TA = +25C (Note 6)
ID
4.6
A
TA = +70C (Note 6)
3.7
TA = +25C (Note 5)
3.7
Pulsed Drain Current (Note 7)
IDM
17
A
Continuous Source Current (Body Diode) (Note 6)
IS
2.6
A
Pulsed Source Current (Body Diode) (Note 7)
ISM
17
A
Thermal Characteristics (@T
A = +25°
C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = +25C (Note 5)
Linear derating factor (Note 5)
PD
1.1
8.8
W
mW/
C
Power Dissipation at TA = +25C (Note 6)
Linear derating factor (Note 6)
PD
1.7
13.6
W
mW/
C
Junction to Ambient (Note 5)
RJA
113
C/W
Junction to Ambient (Note 6)
RJA
73
C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
C
Notes:
5. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. For a device surface mounted on FR-4 PCB measured at t≦10 secs.
7. Repetitive rating 25mm x 25mm FR-4 PCB, D = 0.05, pulse width 10µs - pulse width limited by maximum junction temperature. Refer to Transient
Thermal Impedance graph.
Thermal Characteristics


Similar Part No. - ZXMN3A03E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A03E6TC ZETEX-ZXMN3A03E6TC Datasheet
926Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A03E6TC ZETEX-ZXMN3A03E6TC Datasheet
190Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A03E6TC DIODES-ZXMN3A03E6TC Datasheet
196Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN3A03E6TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com