Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN3A01FTC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXMN3A01FTC
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN3A01FTC Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXMN3A01FTC Datasheet HTML 1Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 2Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 3Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 4Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 5Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 6Page - Diodes Incorporated ZXMN3A01FTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ZXMN3A01F
Document number: DS33528 Rev.4 - 2
1 of 7
www.diodes.com
January 2015
© Diodes Incorporated
ZXMN3A01F
D
S
G
30V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = +25°C
30V
0.12
Ω @ V
GS = 10V
2.0A
Description
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(ON)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Applications
DC-DC Converters
Power Management Functions
Motor Control
Features
Low On-Resistance
Fast Switching Speed
Low Threshold
Low Gate Drive
Small Surface Mount Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish Annealed over Alloy 42
Leadframe)
Terminal Connections: See Diagram
Weight: 0.006 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
ZXMN3A01FTA
SOT23
3,000/Tape & Reel
ZXMN3A01FTC
SOT23
10,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
e3
Top View
D
G
S
Top View
Pin Configuration
Equivalent Circuit
7N3 = Product Type Marking Code
7N3


Similar Part No. - ZXMN3A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01FTC ZETEX-ZXMN3A01FTC Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN3A01FTC DIODES-ZXMN3A01FTC Datasheet
198Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
VBsemi Electronics Co.,...
ZXMN3A01FTC VBSEMI-ZXMN3A01FTC Datasheet
492Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ZXMN3A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com