Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2B03E6 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXMN2B03E6
Description  20V SOT26 N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2B03E6 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXMN2B03E6_15 Datasheet HTML 1Page - Diodes Incorporated ZXMN2B03E6_15 Datasheet HTML 2Page - Diodes Incorporated ZXMN2B03E6_15 Datasheet HTML 3Page - Diodes Incorporated ZXMN2B03E6_15 Datasheet HTML 4Page - Diodes Incorporated ZXMN2B03E6_15 Datasheet HTML 5Page - Diodes Incorporated ZXMN2B03E6_15 Datasheet HTML 6Page - Diodes Incorporated ZXMN2B03E6_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXMN2B03E6
Datasheet Number: DS33521 Rev. 2 - 2
5 of 7
www.diodes.com
March 2015
© Diodes Incorporated
ZXMN2B03E6
Typical Characteristics (Cont.)
Test Circuits


Similar Part No. - ZXMN2B03E6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2B03E6TA ZETEX-ZXMN2B03E6TA Datasheet
579Kb / 8P
   20V SOT23-6 N-channel enhancement mode MOSFET with low gate drive capability
logo
Diodes Incorporated
ZXMN2B03E6TA DIODES-ZXMN2B03E6TA Datasheet
591Kb / 8P
   20V SOT23-6 N-channel enhancement mode MOSFET
logo
VBsemi Electronics Co.,...
ZXMN2B03E6TA VBSEMI-ZXMN2B03E6TA Datasheet
483Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXMN2B03E6_15

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com