Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9715EGF Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9715EGF
Description  Reverse Blocking Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715EGF Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9715EGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 9Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 10Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 11Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 12Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
RT9715CA
11
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Layout Consideration
In order to meet the voltage drop, droop, and EMI
requirements, careful PCB layout is necessary. The
following guidelines must be followed :
Locate the ceramic bypass capacitors as close as
possible to the VIN pins of the RT9715CA.
Place a ground plane under all circuitry to lower both
resistance and inductance and improve DC and transient
performance (Use a separate ground and power plans if
possible).
Keep all VBUS traces as short as possible and use at
least 50-mil, 2 ounce copper for all VBUS traces.
Avoid vias as much as possible. If vias are necessary,
make them as large as feasible.
Place cuts in the ground plane between ports to help
reduce the coupling of transients between ports.
Locate the output capacitor and ferrite beads as close
to the USB connectors as possible to lower impedance
(mainly inductance) between the port and the capacitor
and improve transient load performance.
Locate the RT9715CA as close as possible to the output
port to limit switching noise.
Figure 2. Derating Curve of Maximum Power Dissipation
GND
EN
GND_BUS
VIN
VOUT
VBUS
VIN
FLG
The input capacitor should
be placed as close as
possible to the IC.
Figure 3
Thermal Considerations
For continuous operation, do not exceed absolute
maximum operation junction temperature. The maximum
power dissipation depends on the thermal resistance of
IC package, PCB layout, the rate of surroundings airflow
and temperature difference between junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = (TJ(MAX)
− TA) / θJA
Where TJ(MAX) is the maximum operation junction
temperature 100
°C, TAis the ambient temperature and the
θJA is the junction to ambient thermal resistance.
For recommended operating conditions specification of
RT9715CA, where TJ(MAX) is the maximum junction
temperature of the die (100
°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance
θJA is layout dependent. For SOT-23-5 package,
the thermal resistance
θJA is 250°C/W on the standard
JEDEC 51-3 single-layer thermal test board. The maximum
power dissipation at TA = 25
°C can be calculated by
following formula :
PD(MAX) = (100
°C − 25°C) / (250°C/W) = 0.3W for
SOT-23-5 package
The maximum power dissipation depends on the operating
ambient temperature for fixed TJ(MAX) and thermal
resistance,
θJA. The derating curve in Figure 2 of derating
curves allows the designer to see the effect of rising
ambient temperature on the maximum power allowed.
0.0
0.1
0.2
0.3
0.4
0.5
0
10
2030
405060
7080
90 100
Ambient Temperature (°C)
Single Layer PCB


Similar Part No. - RT9715EGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715EGF RICHTEK-RT9715EGF Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9715EGF RICHTEK-RT9715EGF Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
More results

Similar Description - RT9715EGF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454 Datasheet
221Kb / 12P
   Reverse current blocking when disabled
Rev. A, 07-May-12
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
   Full Function Load Switch with Reverse Current Blocking
logo
Richtek Technology Corp...
RT9715AGB RICHTEK-RT9715AGB Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
   5.0A Reverse Blocking Thyristor
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com