Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9715EGF Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9715EGF
Description  Reverse Blocking Current
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715EGF Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT9715EGF Datasheet HTML 2Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 3Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 4Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 5Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 6Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 7Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 8Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 9Page - Richtek Technology Corporation RT9715EGF Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RT9715CA
6
DS9715CA-00 April 2015
www.richtek.com
©
Copyright 2015 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
UVLO Threshold vs. Temperature
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-40 -25 -10
5
20
35
50
65
80
95 110
Temperature (°C)
Rising
Falling
Output Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
2.25 2.5
Output Current (A)
VIN = 5V
VIN = 3.3V
Current Limit vs. Input Voltage
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Short Current vs. Input Voltage
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
Short Current vs. Temperature
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (°C)
VIN = 5V
Current Limit vs. Temperature
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature (°C)
VIN = 5V


Similar Part No. - RT9715EGF

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9715EGF RICHTEK-RT9715EGF Datasheet
338Kb / 15P
   90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9715EGF RICHTEK-RT9715EGF Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
More results

Similar Description - RT9715EGF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP32454 VISHAY-SIP32454 Datasheet
221Kb / 12P
   Reverse current blocking when disabled
Rev. A, 07-May-12
logo
Semtech Corporation
SC33020H SEMTECH-SC33020H Datasheet
1Mb / 15P
   2A Load Switch with Reverse Current Blocking
logo
Fairchild Semiconductor
FPF2140 FAIRCHILD-FPF2140 Datasheet
911Kb / 13P
   Full Function Load Switch with Reverse Current Blocking
logo
Richtek Technology Corp...
RT9715AGB RICHTEK-RT9715AGB Datasheet
338Kb / 15P
   Operating Range : 2.7V to 5.5V, Reverse Blocking Current
logo
Shenzhen Huazhimei Semi...
HM9705 HMSEMI-HM9705 Datasheet
575Kb / 8P
   3A Current Limited Load Switch with True Reverse Current Blocking
logo
Sanyo Semicon Device
DRA5 SANYO-DRA5 Datasheet
99Kb / 3P
   5.0A Reverse Blocking Thyristor
logo
Sanken electric
TFA37S SANKEN-TFA37S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA87S SANKEN-TFA87S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
TFA8X SANKEN-TFA8X Datasheet
287Kb / 12P
   Reverse Blocking Triode Thyristor
TFA38S SANKEN-TFA38S Datasheet
399Kb / 12P
   Reverse Blocking Triode Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com