Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN2A01FTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMN2A01FTC
Description  20V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMN2A01FTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMN2A01FTC Datasheet HTML 1Page - Diodes Incorporated ZXMN2A01FTC Datasheet HTML 2Page - Diodes Incorporated ZXMN2A01FTC Datasheet HTML 3Page - Diodes Incorporated ZXMN2A01FTC Datasheet HTML 4Page - Diodes Incorporated ZXMN2A01FTC Datasheet HTML 5Page - Diodes Incorporated ZXMN2A01FTC Datasheet HTML 6Page - Diodes Incorporated ZXMN2A01FTC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMN2A01F
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±12
V
Continuous Drain Current, VGS = 10V
(Note 6)
(Note 6)
(Note 5)
TA = +25°C
TA = +70°C
TA = +25°C
ID
2.2
1.7
1.9
A
Pulsed Drain Current (Note 7)
IDM
8
A
Maximum Body Diode Continuous Current (Note 6)
IS
1.29
A
Maximum Body Diode Continuous Current (Note 7)
ISM
8
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Units
Total Power Dissipation
Linear Derating Factor
(Note 5)
PD
625
mW
5
mW/°C
Total Power Dissipation
Linear Derating Factor
(Note 6)
PD
806
mW
6.4
mW/°C
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
200
°C/W
(Note 6)
155
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
5. For a device surface mounted on 25mm x 25mm FR-4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. For a device surface mounted on FR-4 PCB measured at t5 secs.
7. Repetitive rating 25mm x 25mm FR4 PCB, D = 0.05, pulse width 10
μs - pulse width limited by maximum junction temperature. Refer to Transient
Thermal Impedance graph.
ZXMN2A01F
Document number: DS33513 Rev. 4 - 2
2 of 7
www.diodes.com
August 2014
© Diodes Incorporated


Similar Part No. - ZXMN2A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01FTC ZETEX-ZXMN2A01FTC Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01FTC ZETEX-ZXMN2A01FTC Datasheet
216Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN2A01FTC DIODES-ZXMN2A01FTC Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMN2A01FTC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN2A01E6 ZETEX-ZXMN2A01E6_06 Datasheet
198Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A01F ZETEX-ZXMN2A01F Datasheet
85Kb / 4P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTA090N02KC3 CYSTEKEC-MTA090N02KC3 Datasheet
395Kb / 8P
   20V N-Channel Enhancement Mode MOSFET
logo
First Components Intern...
FMS06N20D FCI-FMS06N20D Datasheet
232Kb / 2P
   20V N-Channel Enhancement-Mode MOSFET
logo
Cystech Electonics Corp...
MTA340N02S3 CYSTEKEC-MTA340N02S3 Datasheet
431Kb / 9P
   20V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN2A01F DIODES-ZXMN2A01F Datasheet
223Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN2A03E6 DIODES-ZXMN2A03E6 Datasheet
203Kb / 7P
   20V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2320 TSC-TSM2320 Datasheet
263Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
TSM2832 TSC-TSM2832 Datasheet
170Kb / 5P
   20V N-Channel Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTN2302N3 CYSTEKEC-MTN2302N3 Datasheet
212Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
MTN2300N3 CYSTEKEC-MTN2300N3 Datasheet
476Kb / 5P
   20V N-CHANNEL Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com