Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFSA3023TR7 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFSA3023TR7
Description  75 VOLTAGE CONTROLLED ATTENUATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3023TR7 Datasheet(HTML) 4 Page - RF Micro Devices

  RFSA3023TR7 Datasheet HTML 1Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 2Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 3Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 4Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 5Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 6Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 7Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 8Page - RF Micro Devices RFSA3023TR7 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4 of 17
RFSA3023
DS120419
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured Positive Attenuation Slope Performance
Note: Data includes PCB and connector losses
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Voltage Control (V)
Insertion Loss versus Voltage Control
RFSA3023, RF 1GHz, V
DD=3.3V
25°C
-40°C
85°C
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Voltage Control (V)
Output Return Loss versus Voltage Control
RFSA3023, RF 1GHz, V
DD=3.3V
25°C
-40°C
85°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Insertion Loss versus Frequency
RFSA3023, V
DD=3.3V, Temp=+25° C
VC=0V
VC=0.5V
VC=1.0V
VC=1.5V
VC=2.0V
VC=2.5V
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Input Return Loss versus Frequency
RFSA3023, V
DD=3.3V, Temp=+25° C
VC=0V
VC=0.5V
VC=1.0V
VC=1.5V
VC=2.0V
VC=2.5V
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Frequency (GHz)
Output Return Loss versus Frequency
RFSA3023, V
DD=3.3V, Temp=+25° C
VC=0V
VC=0.5V
VC=1.0V
VC=1.5V
VC=2.0V
VC=2.5V
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Voltage Control (V)
Input Return Loss versus Voltage Control
RFSA3023, RF 1GHz, V
DD=3.3V
25°C
-40°C
85°C


Similar Part No. - RFSA3023TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3013PCK-410 RFMD-RFSA3013PCK-410 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3013SQ RFMD-RFSA3013SQ Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3013SR RFMD-RFSA3013SR Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
RFSA3013TR7 RFMD-RFSA3013TR7 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
More results

Similar Description - RFSA3023TR7

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3013 RFMD-RFSA3013 Datasheet
1Mb / 17P
   75 VOLTAGE CONTROLLED ATTENUATOR
logo
Qorvo, Inc
RFSA3043 QORVO-RFSA3043 Datasheet
2Mb / 16P
   75 Voltage Controlled Attenuator (5 ??3000 MHz)
QPC4043 QORVO-QPC4043 Datasheet
1,010Kb / 17P
   75廓 5 ??000MHz Voltage Controlled Attenuator
March 3, 2022
logo
RF Micro Devices
RFSA3043 RFMD-RFSA3043 Datasheet
3Mb / 18P
   75廓 Voltage Controlled Attenuator 5MHz to 3000MHz
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
Qorvo, Inc
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
   Voltage Controlled Attenuator
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
   Voltage Controlled Attenuator Module
SMG1 MA-COM-SMG1_15 Datasheet
741Kb / 4P
   Voltage-Controlled Attenuator Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com