Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9167-2HPB Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT9167-2HPB
Description  The RT9167B is a 300mA low dropout and low noise
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9167-2HPB Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT9167-2HPB Datasheet HTML 2Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 3Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 4Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 5Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 6Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 7Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 8Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 9Page - Richtek Technology Corporation RT9167-2HPB Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RT9167B
10
DS9167B-01 April 2011
www.richtek.com
Information that is provided by Richtek Technology Corporation is believed to be accurate and reliable. Richtek reserves the right to make any change in circuit
design, specification or other related things if necessary without notice at any time. No third party intellectual property infringement of the applications should be
guaranteed by users when integrating Richtek products into any application. No legal responsibility for any said applications is assumed by Richtek.
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
5F, No. 95, Minchiuan Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)86672399 Fax: (8862)86672377
Email: marketing@richtek.com
L
D
E
E1
e
A
b
A1
A2
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.810
1.100
0.032
0.043
A1
0.000
0.150
0.000
0.006
A2
0.750
0.950
0.030
0.037
b
0.220
0.380
0.009
0.015
D
2.900
3.100
0.114
0.122
e
0.650
0.026
E
4.800
5.000
0.189
0.197
E1
2.900
3.100
0.114
0.122
L
0.400
0.800
0.016
0.031
8-Lead MSOP Plastic Package
Outline Dimension


Similar Part No. - RT9167-2HPB

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9167-2HPB RICHTEK-RT9167-2HPB Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
RT9167-2HPBR RICHTEK-RT9167-2HPBR Datasheet
230Kb / 13P
   Low-Noise, Fixed Output Voltage,300mA/500mA LDO Regulator
More results

Similar Description - RT9167-2HPB

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLS203B0EJV50 INFINEON-TLS203B0EJV50 Datasheet
2Mb / 25P
   Low Dropout, Low Noise, 5V, 300mA
Rev. 1.1, 2015-01-15
logo
List of Unclassifed Man...
AMC8877 ETC-AMC8877 Datasheet
404Kb / 9P
   LOW NOISE 300mA LOW DROPOUT REGULATOR
logo
Richtek Technology Corp...
RT9073A RICHTEK-RT9073A Datasheet
265Kb / 13P
   The RT9073A is a low-dropout
RT9069 RICHTEK-RT9069 Datasheet
662Kb / 15P
   The RT9069 is a low-dropout
RT9073 RICHTEK-RT9073 Datasheet
246Kb / 14P
   The RT9073 is a low-dropout
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
logo
SG Micro Corp
SG2002 SGMICRO-SG2002 Datasheet
588Kb / 11P
   300mA, Low Power, Low Noise Low Dropout, Linear Regulators
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
National Semiconductor ...
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
   Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
AiT Semiconductor Inc.
A6300A AITSEMI-A6300A Datasheet
759Kb / 12P
   LOW DROPOUT VOLTAGE REGULATOR 300mA CMOS ULTRA LOW NOISE AND FAST RESPONSE
REV1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com