Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTB1368 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KTB1368
Description  TRIPLE DIFFUSED PNP TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTB1368 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KTB1368_15 Datasheet HTML 1Page - KEC(Korea Electronics) KTB1368_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2007. 5. 21
1/2
SEMICONDUCTOR
TECHNICAL DATA
KTB1368
TRIPLE DIFFUSED PNP TRANSISTOR
Revision No : 2
GENERAL PURPOSE APPLICATION.
FEATURES
Good Linearity of hFE.
Complementary to KTD2060.
MAXIMUM RATING (Ta=25
)
DIM
MILLIMETERS
TO-220IS
0.76+0.09/-0.05
A
B
C
D
E
F
G
0.5+0.1/-0.05
H
1.2+0.25/-0.1
1.5+0.25/-0.1
J
K
L
M
N
P
Q
R
1
2
3
L
N
M
D
N
H
E
R
L
S
0.5 Typ
S
D
A
C
2.70 0.3
+
_
12.0 0.3
+
_
13.6 0.5
+
_
3.7 0.2
+
_
Φ3.2 0.2
+
_
10.0 0.3
+
_
15.0 0.3
+
_
3.0 0.3
+
_
4.5 0.2
+
_
2.54 0.1
+
_
+
2.6 0.2
_
6.8 0.1
+
_
1. BASE
2. COLLECTOR
3. EMITTER
ELECTRICAL CHARACTERISTICS (Ta=25
)
Note : hFE(1) Classification
R:40
80,
O:70
140,
Y:120
240
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-80
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-4
A
Base Current
IB
-0.4
A
Collector Power Dissipation (Tc=25
)
PC
25
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=-80V, IE=0
-
-
-30
A
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-100
A
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=-50mA, IB=0
-80
-
-
V
DC Current Gain
hFE(1) (Note)
VCE=-5V, IC=-0.5A
40
-
240
hFE(2)
VCE=-5V, IC=-3A
15
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=-3A, IB=-0.3A
-
-1.0
-1.7
V
Base-Emitter Voltage
VBE
VCE=-5V, IC=-3A
-
-1.0
-1.5
V
Transition Frequency
fT
VCE=-5V, IC=-0.5A
-
9.0
-
MHz
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
130
-
pF


Similar Part No. - KTB1368_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTB1368 KEC-KTB1368 Datasheet
356Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR(GENERAL PURPOSE)
logo
Inchange Semiconductor ...
KTB1368 ISC-KTB1368 Datasheet
150Kb / 2P
   isc Silicon PNP Power Transistor
logo
Foshan Blue Rocket Elec...
KTB1368 FOSHAN-KTB1368 Datasheet
1Mb / 6P
   Silicon PNP transistor in a TO-220F Plastic Package.
More results

Similar Description - KTB1368_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTA1962A KEC-KTA1962A Datasheet
90Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB688 KEC-KTB688_15 Datasheet
48Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1943A KEC-KTA1943A Datasheet
51Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB778 KEC-KTB778_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1370 KEC-KTB1370_15 Datasheet
464Kb / 3P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1807D KEC-KTA1807D_15 Datasheet
409Kb / 4P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36C KEC-TIP36C_15 Datasheet
306Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
TIP36CA KEC-TIP36CA_15 Datasheet
445Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTA1837 KEC-KTA1837_15 Datasheet
447Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
KTB1366 KEC-KTB1366_15 Datasheet
451Kb / 2P
   TRIPLE DIFFUSED PNP TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com