Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MD57-0001 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. MD57-0001
Description  Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8 GHz - 1.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8-1.0 GHz
MD57-0001
V2.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
Designer’s Kit MD57-0001SMB
Port Reference
Approximate RF Loss
RF Port
0.14 dB @ 900 MHz
LO Port
0.14 dB @ 730 MHz
IF Port
0.04 dB @ 170 MHz
Evaluation PCB and RF Connector Losses
MD57-0001SMB Evaluation PCB
The MD57-0001SMB Designer’s Kit allows for immediate evaluation of M/A-COM’s MD57-0001. The Designer’s Kit consists of an
MD57-0001, an evaluation board, a floppy disk containing typical performance data and a DXF file of the recommended PCB layout.
The evaluation board consists of the recommended external surface mount circuitry and RF connectors mounted to a multi-layer PCB. The
MD57-0001SMB evaluation PCB is shown below with all functional ports labeled.
V
DD
9
7
8
5
6
3
4
1
2
MSOP-8
10
LO
GND
REV A
AV10328
RF
IF




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
HMC287MS8GaAs MMIC LOW NOISE AMPLIFIER with AGC 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC450QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 0.8 - 1.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC551LP4GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 0.8 - 1.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA038N1-0028-40 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
XL100117.0-35.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl