Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MD57-0001 Datasheet(PDF) 3 Page - Tyco Electronics

Part No. MD57-0001
Description  Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8 GHz - 1.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 3 page
background image
Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8-1.0 GHz
MD57-0001
V2.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
Spurious Table (dBc)
LO Harmonic (n)
RF Harmonic (m)
0X
1X
2X
3X
4X
0X
-10 dBm
X
4.1
44.9
69.5
79.7
0 dBm
X
3.9
31.9
48.4
70.0
1X
-10 dBm
13.8
0
47.6
82.0
76.6
0 dBm
22.9
0
35.1
73.0
83.8
2X
-10 dBm
10.8
18.9
46.5
70.6
78.0
0 dBm
20.4
18.9
36.6
55.9
84.0
3X
-10 dBm
12.1
23.8
41.5
76.9
77.1
0 dBm
22.7
23.8
31.0
63.1
74.0
4X
-10 dBm
13.6
50.9
68.5
64.5
80.6
0 dBm
24.0
49.4
58.9
45.4
63.4
The spurious table shows the spurious signals resulting from
the mixing of the RF and LO input signals assuming down
conversion.
Mixing products are indicated relative to the IF level.
The lower frequency mixing term is shown for two different
RF input levels.
The RF frequency is 900 MHz, the LO frequency is 730
MHz.
[nF
RF - mFLO]
RF = -10 dBm
[nF
RF - mFLO]
RF = 0 dBm
Typical Performance Data
0
1
2
3
4
5
600
700
800
900
1000
Frequency (MHz)
RF
LO
12
11
10
9
8
800
850
900
950
1000
RF Frequency (MHz)
• Down Converter Application Test Conditions: RF=900 MHz, IF=170 MHz, LO=730 MHz (LO Power = -5dBm)
Conversion Loss vs. Frequency (IF = 170 MHz)
Return Loss vs. Frequency
0
10
20
30
40
50
60
600
700
800
900
1000
Frequency (MHz)
LO to IF
RF to IF
LO to RF
10
15
20
25
30
800
850
900
950
1000
RF Frequency (MHz)
Isolations
IMR Plot




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
HMC287MS8GaAs MMIC LOW NOISE AMPLIFIER with AGC 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC450QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 0.8 - 1.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC551LP4GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 0.8 - 1.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA038N1-0028-40 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
XL100117.0-35.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl