Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MD57-0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part No. MD57-0001
Description  Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8 GHz - 1.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 2 page
background image
Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8-1.0 GHz
MD57-0001
V2.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
1. Exceeding these limits may cause permanent damage.
2. Ambient Temperature (T
A) = + 25°C.
3. Typical Thermal Resistance (
θ
jc) = 108°C/W at nomial bias
condition.
Absolute Maximum Ratings
1,3
Parameter
Ratings
Input RF/IF Power
2
+27 dBm
Input LO Power
2
+17 dBm
Operating Voltages
2
VDD = +6 volts
Operating Temperature
-30°C to +80°C
Storage Temperature
-65°C to +150°C
Pin Configuration
Pin No.
Pin Name
Description
1
RF Port
RF Input/Output
2
Bias
LO Amplifier Bias Resistor
3
LO Port
LO Input
4V
DD
LO Amplifier V
DD
5
GND
Ground
6
IF Port
IF Input/Output
RF Traces & Components
RF Ground
DC Routing
Customer Defined
Cross Section View
The PCB dielectric between RF traces and RF ground layers
should be chosen to reduce RF discontinuities between 50
lines and package pins.
M/A-COM recommends an FR-4
dielectric thickness of 0.008” (0.2 mm) yielding a 50
Ω line
width of 0.015” (0.38 mm).
The recommended metalization
thickness is 1 oz. Copper.
Functional Block Diagram
1
2
3
4
5
C1
6
IF
RF
LO
VDD
C4
L1
C2
R1
L2
C3
Part Name
Description
Value
R1
LO Amplifier Bias Resistor
200
L1
LO Amplifier Bias Input
22 nH
L2
LO Port Matching
10 nH
C1
IF Port Matching
10 nF
C2
IF Bypass Capacitor
10 nF
C3
RF Bypass Capacitor
22 pF
C4
V
DD Bypass
47 pF
External Circuitry Parts List
Recommended PCB Configuration
Layout View




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
HMC287MS8GaAs MMIC LOW NOISE AMPLIFIER with AGC 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC450QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 0.8 - 1.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC551LP4GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 0.8 - 1.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA038N1-0028-40 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
XL100117.0-35.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl