Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MD57-0001 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. MD57-0001
Description  Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8 GHz - 1.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
Low Cost MMIC Mixer with Local Oscillator Amplifier, 0.8-1.0 GHz
MD57-0001
V2.00
M/A-COM Division of AMP Incorporated s North America: Tel. (800) 366-2266, Fax (800) 618-8883 s Asia/Pacific: Tel.+85 2 2111 8088, Fax +85 2 2111 8087
s Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
www.macom.com
AMP and Connecting at a Higher Level are trademarks.
Specifications subject to change without notice.
1. IMR vs. RF drive can be calculated by the formula: IMR = [44 - 1.5(P
IN)]
Features
• -5 to +5 dBm LO Drive Level
• High Isolation, 28 dB LO to RF
• Inexpensive SOT-26 Package
Description
The MD57-0001 is a floating FET mixer with an on-chip LO
amplifier. The LO drive for the MD57-0001 can range from -5 to
+5 dBm without severly impacting the mixer’s performance. The
MD57-0001 is ideally suited for cellular band communications
handsets’ that can provide only minimal amounts of LO drive.
Typical applications include frequency up/down conversion and
IQ modulation and demodulation in digital receivers and
transmitters.
The MD57-0001 utilizes a patented “floating-FET” architecture.
The on-chip LO amplifier allows the MD57-0001 to operate with
as little as -5 dBm of LO drive making it an ideal choice for low
power portable designs.
The MD57-0001 is fabricated using M/A-COM’s 0.5 micron low
noise GaAs MESFET process.
This process features full
passivation for increased performance and reliability.
The
MD57-0001 is 100% RF tested to ensure superior performance
specification compliance.
Part Number
Package
MD57-0001
SOT-26, 6-Lead Plastic Package
MD57-0001TR
Forward Tape and Reel*
MD57-0001SMB
Designer’s Kit
Ordering Information
Parameters
Abbv.
Test Conditions
Units
Min.
Typ.
Max.
Conversion Loss
L
c
—dB
9.3
11
Isolation
ISO
LO to RF
dB
20
28
LO to IF
dB
10
12
RF to IF
dB
20
VSWR
VSWR
RF Port
2.0:1
LO Port
2.0:1
IF Port
2.0:1
Input 1 dB Compression
P
1dB
RF Freq. = 900 MHz, LO = -5 dBm
dBm
14
Two Tone IM Ratio
1
dBc
Two tones at -10 dBm each;
Tone spacing = 1 MHz, IF = 170 MHz
dBc
59
Low Cost MMIC Mixer with Local Oscillator
Amplifier, 0.8 GHz - 1.0 GHz
MD57-0001
.002 ±.002
0,05 ±0,05
.031
0,79
+.004
-.007
-0.18
+0.10
.016
0,40
-.002
+.004
+0.10
-0.05
.006
0,15
-0.05
+0.10
-.002
+.004
.008 MIN
0,20 MIN
.043
1,10
-.004
+.008
+0.20
-0.10
.114 ±.008
2,9 ±0,2
.075 ±.008
1,90 ±0,2
.063
1,60
+.008
-.004
+0.20
-0.10
.110 ±.008
2,80 ±0,2
16XY
PIN # 1
T
A = +25°C, RF = 900MHz (-15 dBm), LO = 730MHz (-5 dBm), IF = 170MHz, VDD = 2.7V, Typical IDD = 5mA
Electrical Specifications
1
*If a specific reel size is required, consult factory for part number.
SOT-26




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MD54-0007Low Cost MMIC Mixer 2.1 - 2.7 GHz 1 2 3 Tyco Electronics
HMC287MS8GaAs MMIC LOW NOISE AMPLIFIER with AGC 2.3 - 2.5 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC318MS8GGaAs MMIC LOW NOISE AMPLIFIER with AGC 5.0 - 6.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC485MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 1.7 - 2.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC450QS16GGaAs InGaP HBT MMIC POWER AMPLIFIER 0.8 - 1.0 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC551LP4GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER 0.8 - 1.2 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
HMC483MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 0.7 - 1.4 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AA038N1-0028-40 GHz GaAs MMIC Low Noise Amplifier 1 2 Alpha Industries
XL100117.0-35.0 GHz GaAs MMIC Low Noise Amplifier 1 2 3 4 5 MoreMimix Broadband
HMC341LC3BSMT GaAs PHEMT MMIC LOW NOISE AMPLIFIER 21 - 29 GHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl