Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-158PIN Datasheet(PDF) 3 Page - Tyco Electronics

Part # MD-158PIN
Description  Double-Balanced Mixer, 5 - 1500 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-158PIN Datasheet(HTML) 3 Page - Tyco Electronics

  MD-158PIN Datasheet HTML 1Page - Tyco Electronics MD-158PIN Datasheet HTML 2Page - Tyco Electronics MD-158PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Double-Balanced Mixer, 5 - 1500 MHz
MD-158
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
3
Typical Performance Curves
IF Port Response
Ordering Information
Part Number
Package
MD-158 PIN
FP-2
0.0
1.0
2.0
0
200
400
600
800
1000
1200
1400
1500
IF Frequency (MHz)


Similar Part No. - MD-158PIN

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
   Double-Balanced Mixer, 5 - 1500 MHz
More results

Similar Description - MD-158PIN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD20-0018-S MACOM-MD20-0018-S Datasheet
42Kb / 1P
   Double Balanced Mixer 5 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-158 MA-COM-MD-158 Datasheet
70Kb / 3P
   Double-Balanced Mixer, 5 - 1500 MHz
MD-149 MA-COM-MD-149 Datasheet
75Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
logo
Tyco Electronics
MD-M149 MACOM-MD-M149 Datasheet
134Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
MDS-148 MACOM-MDS-148 Datasheet
217Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
MDS-149 MACOM-MDS-149 Datasheet
217Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
logo
M/A-COM Technology Solu...
MD-148 MA-COM-MD-148 Datasheet
60Kb / 3P
   Double-Balanced Mixer, 10 - 1500 MHz
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
   Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer, 5 - 500 MHz
logo
List of Unclassifed Man...
MC1507 ETC1-MC1507 Datasheet
169Kb / 2P
   10 TO 1500 MHz TO-8 DOUBLE-BALANCED MIXER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com