Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MD-124 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MD-124
Description  Double-Balanced Mixer, 500 KHz - 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MD-124 Datasheet(HTML) 2 Page - Tyco Electronics

  MD-124 Datasheet HTML 1Page - Tyco Electronics MD-124 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Double-Balanced Mixer, 500 KHz - 500 MHz
MD-124
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
2
Typical Performance Curves
Conversion Loss (LO = +7 dBm,
RF = -5 dBm)
Isolation
Conversion Loss vs. LO Power
(LO = 35 MHz, RF = 30 MHz @ -20
dBm, IF = 5 MHz)
Ordering Information
Part Number
Package
MD-124 PIN
FP-2
Electrical Specifications: TA = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
SSB Noise Figure
Within 1 dB of Conversion Loss
Max.
Typical Two Tone IM
Ratio
With –10 dBm input, each input 25
MHz and 35 MHz IF
100 - 400 MHz
400 - 500 MHz
dB
dB
>50
>40
5
6
7
0.2
1
5
20
50
100
300
500
700
Frequency (MHz)
5
6
7
8
9
10
11
-10.0
-7.5
-5.0
-2.5
0.0
2.5
5.0
7.5
10.0
LO Power (dBm)
20
25
30
35
40
45
50
0.2
1
5
20
50
100
300
500
700
Frequency (MHz)
LO - RF
LO - IF
RF - IF


Similar Part No. - MD-124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
   Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
   Double-Balanced Mixer, 10 MHz - 3 GHz
MD-123 MA-COM-MD-123 Datasheet
100Kb / 3P
   Double-Balanced Mixer
logo
Tyco Electronics
MD-123PIN MACOM-MD-123PIN Datasheet
167Kb / 3P
   Double-Balanced Mixer, 10Mhz - 3 GHz
logo
M/A-COM Technology Solu...
MD-123 MA-COM-MD-123_15 Datasheet
100Kb / 3P
   Double-Balanced Mixer
More results

Similar Description - MD-124

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MD20-0016-S MACOM-MD20-0016-S Datasheet
21Kb / 1P
   Double Balanced Mixer 0.5 - 500 MHz
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer, 5 - 500 MHz
logo
Tyco Electronics
MD-108 MACOM-MD-108 Datasheet
200Kb / 2P
   Double-Balanced Mixer, 5 - 500 MHz
logo
M/A-COM Technology Solu...
MAC-51 MA-COM-MAC-51 Datasheet
60Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
   Surface Mount Double-Balanced Mixer, 10 - 500 MHz
logo
Tyco Electronics
MAC-51 MACOM-MAC-51 Datasheet
120Kb / 3P
   TO-5 Double-Balanced Mixer, 5 - 500 MHz
M223 MACOM-M223 Datasheet
122Kb / 2P
   Surface Mount Double-Balance Mixer, 10 KHz - 500 MHz
logo
SIRENZA MICRODEVICES
CM-1H8 SIRENZA-CM-1H8 Datasheet
137Kb / 2P
   Miniature High Level Double Balanced Mixer 5-500 MHz
logo
Tyco Electronics
DS-222 MACOM-DS-222 Datasheet
199Kb / 2P
   Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
logo
M/A-COM Technology Solu...
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
   Surface Mount Double-Balanced Mixer, 200 KHz - 200 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com